Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPR031 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MPR031
Description  Proximity Capacitive Touch Sensor Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR031 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MPR031 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPR031 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPR031 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPR031 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPR031 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPR031 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPR031 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPR031 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPR031 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
MPR03X
Sensors
Freescale Semiconductor
11
Table 5. Electrode Configuration Register Field Descriptions
Field
Description
6
CalLock
Calibration Lock – The Calibration Lock bit selects whether calibration is enabled
or disabled.
0 Enabled – In this state baseline calibration is enabled.
1 Disabled – In this state baseline calibration is disabled.
5:4
ModeSel
Mode Select – The Mode Select field selects which Run Mode the sensor will
operate in. This register is ignored when in Stop Mode.
00 Encoding 0 – Run1 Mode is enabled.
01 Encoding 1 – Run2 Mode is enabled.
10 Encoding 2 – Run2 Mode is enabled.
11 Encoding 3 – Run2 Mode is enabled.
3:0
EleEn
Electrode Enable – The Electrode Enable Field selects the electrode and IRQ
functionality.
0000 Encoding 0 – Stop Mode
0001 Encoding 1 – Run Mode with ELE0 is enabled, ELE1 is disabled, IRQ is
enabled.
0010 Encoding 2 – Run Mode with ELE0 is enabled, ELE1 is enabled, IRQ is
enabled.
0011 Encoding 3 – Run Mode with ELE0 is enabled, ELE1 is enabled, ELE2 is
enabled.
~
1111 Encoding 15 – Run Mode with ELE0 is enabled, ELE1 is enabled, ELE2 is
enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com