Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU6645 Datasheet(PDF) 21 Page - New Japan Radio

Part # NJU6645
Description  16-CHARACTER 6-LINE LCD DRIVER with JAPANESE KANJI ROM
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU6645 Datasheet(HTML) 21 Page - New Japan Radio

Back Button NJU6645 Datasheet HTML 17Page - New Japan Radio NJU6645 Datasheet HTML 18Page - New Japan Radio NJU6645 Datasheet HTML 19Page - New Japan Radio NJU6645 Datasheet HTML 20Page - New Japan Radio NJU6645 Datasheet HTML 21Page - New Japan Radio NJU6645 Datasheet HTML 22Page - New Japan Radio NJU6645 Datasheet HTML 23Page - New Japan Radio NJU6645 Datasheet HTML 24Page - New Japan Radio NJU6645 Datasheet HTML 25Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 112 page
background image
-21 -
Ver.2009-05-20
NJU6645
Preliminary
(2) ADDRESS COUNTER
The NJU6645 has the address counter of 12-bit for read/write of RAM data. The address is set by "RAM
address set" instruction. In case of the RDM=”0”, the address is incremented after the RAM data writing and
reading. In case of the RDM=”1”, the address is incremented only after the RAM data writing. The address
doesn't change after the RAM data reading.
The address shifts as follows within range of the address DDRAM, MKRAM, and CGRAM. The DDRAM
address shifts in each line.
DDRAM (1-line)
: (000)H
→ (001)H → --- → (01F)H → (000)H
DDRAM (2-line)
: (020)H
→ (021)H → --- → (03F)H → (020)H
DDRAM (3-line)
: (040)H
→ (041)H → --- → (05F)H → (040)H
DDRAM (4-line)
: (060)H
→ (061)H → --- → (07F)H → (060)H
DDRAM (5-line)
: (080)H
→ (081)H → --- → (09F)H → (080)H
DDRAM (6-line)
: (0A0)H
→ (0A1)H → --- → (0BF)H → (0A0)H
MKRAM
: (100)H
→ (101)H → --- → (13F)H → (100)H
CGRAM
: (200)H
→ (201)H → --- → (DFF)H → (200)H
The address is shifted to +1 or -1 by "address shift (ARL)" instruction. When ARL="0" is input, whenever it
is input the address is shifted -1. When ARL="1" is input, whenever it is input the address is shifted +1. The
address shifts as follows within range of the address DDRAM, MKRAM and CGRAM.
DDRAM (1-line)
: (000)H
↔ (001)H ↔ --- ↔ (01F)H ↔ (000)H
DDRAM (2-line)
: (020)H
↔ (021)H ↔ --- ↔ (03F)H ↔ (020)H
DDRAM (3-line)
: (040)H
↔ (041)H ↔ --- ↔ (05F)H ↔ (040)H
DDRAM (4-line)
: (060)H
↔ (061)H ↔ --- ↔ (07F)H ↔ (060)H
DDRAM (5-line)
: (080)H
↔ (081)H ↔ --- ↔ (09F)H ↔ (080)H
DDRAM (6-line)
: (0A0)H
↔ (0A1)H ↔ --- ↔ (0BF)H ↔ (0A0)H
MKRAM
: (100)H
↔ (101)H ↔ --- ↔ (13F)H ↔ (100)H
CGRAM
: (200)H
↔ (201)H ↔ --- ↔ (DFF)H ↔ (200)H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com