Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC5643LFF0MLQ1R Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # SPC5643LFF0MLQ1R
Description  MPC5643L Microcontroller Data Sheet
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5643LFF0MLQ1R Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button SPC5643LFF0MLQ1R Datasheet HTML 14Page - Freescale Semiconductor, Inc SPC5643LFF0MLQ1R Datasheet HTML 15Page - Freescale Semiconductor, Inc SPC5643LFF0MLQ1R Datasheet HTML 16Page - Freescale Semiconductor, Inc SPC5643LFF0MLQ1R Datasheet HTML 17Page - Freescale Semiconductor, Inc SPC5643LFF0MLQ1R Datasheet HTML 18Page - Freescale Semiconductor, Inc SPC5643LFF0MLQ1R Datasheet HTML 19Page - Freescale Semiconductor, Inc SPC5643LFF0MLQ1R Datasheet HTML 20Page - Freescale Semiconductor, Inc SPC5643LFF0MLQ1R Datasheet HTML 21Page - Freescale Semiconductor, Inc SPC5643LFF0MLQ1R Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 98 page
background image
MPC5643L Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Overview
Freescale Semiconductor
18
•
Independently programmable PWM output polarity
•
Independent top and bottom deadtime insertion
•
Each complementary pair can operate with its own PWM frequency and deadtime values
•
Individual software control for each PWM output
•
All outputs can be forced to a value simultaneously
•
PWMX pin can optionally output a third signal from each channel
•
Channels not used for PWM generation can be used for buffered output compare functions
•
Channels not used for PWM generation can be used for input capture functions
•
Enhanced dual edge capture functionality
•
Option to supply the source for each complementary PWM signal pair from any of the following:
— External digital pin
— Internal timer channel
— External ADC input, taking into account values set in ADC high and low limit registers
•
DMA support
1.3.31
eTimer module
The Leopard provides three eTimer modules on the 257 MAPBGA device, and two eTimer modules on the 144 LQFP package.
Six 16-bit general purpose up/down timer/counters per module are implemented with the following features:
•
Maximum clock frequency 120 MHz
•
Individual channel capability
— Input capture trigger
— Output compare
— Double buffer (to capture rising edge and falling edge)
— Separate prescaler for each counter
— Selectable clock source
— 0–100% pulse measurement
— Rotation direction flag (Quad decoder mode)
•
Maximum count rate
— Equals peripheral clock divided by 2 for external event counting
— Equals peripheral clock for internal clock counting
•
Cascadeable counters
•
Programmable count modulo
•
Quadrature decode capabilities
•
Counters can share available input pins
•
Count once or repeatedly
•
Preloadable counters
•
Pins available as GPIO when timer functionality not in use
•
DMA support
1.3.32
Sine Wave Generator (SWG)
A customized digital-to-analog converter is available to generate a sine wave based on 32 stored values for external devices (ex:
resolver).
•
Frequency range from 1 kHz to 50 kHz
•
Sine wave amplitude from 0.47 V to 2.26 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com