Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC5643LFF0MLQ8R Datasheet(PDF) 71 Page - Freescale Semiconductor, Inc

Part # SPC5643LFF0MLQ8R
Description  MPC5643L Microcontroller Data Sheet
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5643LFF0MLQ8R Datasheet(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button SPC5643LFF0MLQ8R Datasheet HTML 67Page - Freescale Semiconductor, Inc SPC5643LFF0MLQ8R Datasheet HTML 68Page - Freescale Semiconductor, Inc SPC5643LFF0MLQ8R Datasheet HTML 69Page - Freescale Semiconductor, Inc SPC5643LFF0MLQ8R Datasheet HTML 70Page - Freescale Semiconductor, Inc SPC5643LFF0MLQ8R Datasheet HTML 71Page - Freescale Semiconductor, Inc SPC5643LFF0MLQ8R Datasheet HTML 72Page - Freescale Semiconductor, Inc SPC5643LFF0MLQ8R Datasheet HTML 73Page - Freescale Semiconductor, Inc SPC5643LFF0MLQ8R Datasheet HTML 74Page - Freescale Semiconductor, Inc SPC5643LFF0MLQ8R Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 98 page
background image
Electrical characteristics
MPC5643L Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
71
3.13
16 MHz RC oscillator electrical characteristics
Table 20. RC oscillator electrical characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fRC
P
RC oscillator frequency
TJ =25°C
—
16
—
MHz
Δ
RCMVAR
P
Fast internal RC oscillator variation with
respect to fRC.
——
—
±5
%
Δ
RCMTRIM
P
Post trim accuracy: The variation of the
PTF1 from the 16 MHz clock
NOTES:
1 PTF = Post Trimming Frequency: The frequency of the output clock after trimming at typical supply voltage and
temperature.
TJ =25°C
——
±1
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com