Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCIMX512CJM6C Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # PCIMX512CJM6C
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX512CJM6C Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button PCIMX512CJM6C Datasheet HTML 21Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 22Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 23Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 24Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 25Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 26Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 27Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 28Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 184 page
background image
Electrical Characteristics
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
Freescale Semiconductor
25
Preliminary—Subject to Change Without Notice
3.3.5
I2C I/O DC Parameters
NOTE: See the errata for HS-I2C in i.MX51 Chip Errata document. The two standard I2C modules have
no errata
The DC Electrical Characteristics listed below are guaranteed using operating ranges per Table 8, unless
otherwise noted.
Input Hysteresis
VHYS
low voltage mode
high voltage mode
0.38
0.95
—0.43
1.33
V
Schmitt trigger VT+2,4
VT+
—
0.5OVDD
—
—
V
Schmitt trigger VT–2,4
VT–
—
—
—
0.5
× OVDD
V
Input current (no pull-up/down)
IIN
VI = 0
VI = OVDD
——
TBD
μA
Input current (22 k
Ω Pull-up)
IIN
VI = 0
VI = OVDD
—
—
202
TBD
μA
Input current (47 k
Ω Pull-up)
IIN
VI = 0
VI = OVDD
——
61
TBD
μA
Input current (100 k
Ω Pull-up)
IIN
VI = 0
VI = OVDD
——
47
TBD
μA
Input current (360 k
Ω Pull-down)
IIN
VI = 0
VI = OVDD
——
TBD
5.7
μA
Keeper Circuit Resistance
—
NA
—
17
—
k
Ω
1 This table applies with VCC down to 0.9 V. UHVIO are functional down to 0.85 V with degraded performance.
2
To maintain a valid level, the transitioning edge of the input must sustain a constant slew rate (monotonic) from the current DC
level through to the target DC level, VIL or VIH. Monotonic input transition time is from 0.1 ns to 1 s.
3 Overshoot and undershoot conditions (transitions above OVDD and below OVSS) on switching pads must be held below 0.6 V,
and the duration of the overshoot/undershoot must not exceed 10% of the system clock cycle. Overshoot/undershoot must be
controlled through printed circuit board layout, transmission line impedance matching, signal line termination, or other methods.
Non-compliance to this specification may affect device reliability or cause permanent damage to the device.
4 Hysteresis of 250 mV is guaranteed over all operating conditions when hysteresis is enabled.
Table 17. I2C Standard/Fast/High-Speed Mode Electrical Parameters for Low/Medium Drive Strength
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Low-level output voltage
Vol
Iol = 3mA
—
—
0.4
V
High-Level DC input voltage 1
VIH
—
0.7
× OVDD
—
OVDD
V
Low-Level DC input voltage1
VIL
—
0
—
0.3
× OVDD
V
Input Hysteresis
VHYS
—
0.25
—
—
V
Schmitt trigger VT+1,2
VT+
—
0.5
× OVDD
—
—
V
Table 16. UHVIO DC Electrical Characteristics1 (continued)
DC Electrical Characteristics
Symbol
Test Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com