Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCIMX512CJM6C Datasheet(PDF) 105 Page - Freescale Semiconductor, Inc

Part # PCIMX512CJM6C
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX512CJM6C Datasheet(HTML) 105 Page - Freescale Semiconductor, Inc

Back Button PCIMX512CJM6C Datasheet HTML 101Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 102Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 103Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 104Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 105Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 106Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 107Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 108Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 109Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 184 page
background image
Electrical Characteristics
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
Freescale Semiconductor
105
Preliminary—Subject to Change Without Notice
Figure 70. P-ATA Interface Signals Timing Diagram
The user needs to use level shifters for 5.0 V compatibility on the ATA interface. The i.MX51 P-ATA
interface is 3.3 V compatible.
The use of bus buffers introduces delay on the bus and introduces skew between signal lines. These factors
make it difficult to operate the bus at the highest speed (UDMA-5) when bus buffers are used. If fast
UDMA mode operation is needed, this may not be compatible with bus buffers.
Another area of attention is the slew rate limit imposed by the ATA specification on the ATA bus.
According to this limit, any signal driven on the bus should have a slew rate between 0.4 and 1.2 V/ns with
a 40 pF load. Not many vendors of bus buffers specify slew rate of the outgoing signals.
When bus buffers are used, the ata_data bus buffer is special. This is a bidirectional bus buffer, so a
direction control signal is needed. This direction control signal is ata_buffer_en. When its high, the bus
should drive from host to device. When its low, the bus should drive from device to host. Steering of the
signal is such that contention on the host and device tri-state busses is always avoided.
Table 77. AC Characteristics of All Interface Signals
ID
Parameter
Symbol
Min
Max
Unit
SI1
Rising edge slew rate for any signal on ATA interface.1
1 SRISE and SFALL shall meet this requirement when measured at the sender’s connector from 10–90% of full signal
amplitude with all capacitive loads from 15
–40 pF where all signals have the same capacitive load value.
Srise
—
1.25
V/ns
SI2
Falling edge slew rate for any signal on ATA interface (see note)
Sfall
—
1.25
V/ns
SI3
Host interface signal capacitance at the host connector
Chost
—20
pF
ATA Interface Signals
SI1
SI2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com