Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8377ECVRANDA Datasheet(PDF) 117 Page - Freescale Semiconductor, Inc

Part # MPC8377ECVRANDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8377ECVRANDA Datasheet(HTML) 117 Page - Freescale Semiconductor, Inc

Back Button MPC8377ECVRANDA Datasheet HTML 113Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 114Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 115Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 116Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 117Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 118Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 119Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 120Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 121Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 124 page
background image
MPC8377E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
117
System Design Information
RθJC = junction to case thermal resistance (°C/W)
PD = power dissipation (W)
25 System Design Information
This section provides electrical and thermal design recommendations for successful application of the
MPC8377E.
25.1
PLL Power Supply Filtering
Each of the PLLs listed above is provided with power through independent power supply pins. The AVDD
level should always be equivalent to VDD, and preferably these voltages will be derived directly from VDD
through a low frequency filter scheme.
There are a number of ways to reliably provide power to the PLLs, but the recommended solution is to
provide five independent filter circuits as illustrated in Figure 65, one to each of the five AVDD pins. By
providing independent filters to each PLL, the opportunity to cause noise injection from one PLL to the
other is reduced.
This circuit is intended to filter noise in the PLLs resonant frequency range from a 500 kHz to 10 MHz
range. It should be built with surface mount capacitors with minimum Effective Series Inductance (ESL).
Consistent with the recommendations of Dr. Howard Johnson in High Speed Digital Design: A Handbook
of Black Magic (Prentice Hall, 1993), multiple small capacitors of equal value are recommended over a
single large value capacitor.
Each circuit should be placed as close as possible to the specific AVDD pin being supplied to minimize
noise coupled from nearby circuits. It should be possible to route directly from the capacitors to the AVDD
pin, which is on the periphery of package, without the inductance of vias.
Figure 65 shows the PLL power supply filter circuit.
Figure 65. PLL Power Supply Filter Circuit
25.2
Decoupling Recommendations
Due to large address and data buses, and high operating frequencies, the device can generate transient
power surges and high frequency noise in its power supply, especially while driving large capacitive loads.
This noise must be prevented from reaching other components in the device system, and the device itself
requires a clean, tightly regulated source of power. Therefore, it is recommended that the system designer
place at least one decoupling capacitor at each VDD, OVDD, GVDD, and LVDD pins of the device. These
decoupling capacitors should receive their power from separate VDD, OVDD, GVDD, LVDD, and GND
power planes in the PCB, utilizing short traces to minimize inductance. Capacitors may be placed directly
under the device using a standard escape pattern. Others may surround the part.
VDD
AVDD (or L2AVDD)
2.2 µF
2.2 µF
GND
Low ESL Surface Mount Capacitors
10
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com