Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8378ECVRANDA Datasheet(PDF) 117 Page - Freescale Semiconductor, Inc

Part # MPC8378ECVRANDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8378ECVRANDA Datasheet(HTML) 117 Page - Freescale Semiconductor, Inc

Back Button MPC8378ECVRANDA Datasheet HTML 113Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 114Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 115Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 116Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 117Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 118Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 119Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 120Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 121Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 126 page
background image
MPC8378E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
117
Thermal
Table 77 shows the heat sink thermal resistance for TePBGA II package with heat sinks, simulated in a
standard JEDEC environment, per JESD 51-6.
Heat sink vendors include the following:
Aavid Thermalloy
www.aavidthermalloy.com
Alpha Novatech
www.alphanovatech.com
International Electronic Research Corporation (IERC)
www.ctscorp.com
Millennium Electronics (MEI)
www.mei-thermal.com
Table 77. Thermal Resistance with Heat Sink in Open Flow (TePBGA II)
Heat Sink Assuming Thermal Grease
Air Flow
Thermal Resistance
(
°/W)
AAVID 30
× 30 × 9.4 mm Pin Fin
Natural Convection
13.1
0.5 m/s
10.6
1 m/s
9.3
2 m/s
8.2
4 m/s
7.5
AAVID 31
× 35 × 23 mm Pin Fin
Natural Convection
11.1
0.5 m/s
8.5
1 m/s
7.7
2 m/s
7.2
4 m/s
6.8
AAVID 43
× 41× 16.5mm Pin Fin
Natural Convection
11.3
0.5 m/s
9.0
1 m/s
7.8
2 m/s
7.0
4 m/s
6.5
Wakefield, 53
× 53 × 25 mm Pin Fin
Natural Convection
9.7
0.5 m/s
7.7
1 m/s
6.8
2 m/s
6.4
4 m/s
6.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com