Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8378ECVRANDA Datasheet(PDF) 122 Page - Freescale Semiconductor, Inc

Part # MPC8378ECVRANDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8378ECVRANDA Datasheet(HTML) 122 Page - Freescale Semiconductor, Inc

Back Button MPC8378ECVRANDA Datasheet HTML 118Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 119Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 120Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 121Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 122Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 123Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 124Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 125Page - Freescale Semiconductor, Inc MPC8378ECVRANDA Datasheet HTML 126Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 122 / 126 page
background image
MPC8378E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
122
Freescale Semiconductor
Ordering Information
25.1 Part Numbers Fully Addressed by This Document
Table 79 provides the Freescale part numbering nomenclature for the MPC8378E. Note that the individual
part numbers correspond to a maximum processor core frequency. For available frequencies, contact your
local Freescale sales office. In addition to the processor frequency, the part numbering scheme also
includes an application modifier which may specify special application conditions. Each part number also
contains a revision code which refers to the die mask revision number.
Table 80 lists the available core and DDR data rate frequency combinations.
Table 79. Part Numbering Nomenclature
MPC
8378
EC
ZQ
AF
D
A
Product
Code
Part
Identifier
Encryption
Acceleration
Temperature
Range 1
Package 2
e300 core
Frequency 3, 4
DDR
Data Rate
Revision
Level
MPC
8378
Blank = Not included
E = included
Blank = 0
°C (Ta) to
125
°C (Tj)
C = –40
°C (Ta) to
125
°C (Tj)
VR = Pb-free
689 TePBGA II
AL = 667 MHz
AJ = 533 MHz
AG = 400 MHz
AN = 800 MHz
G = 400 MHz
F = 333 MHz
D = 266 MHz
Contact local
Freescale
sales office
Note:
1 Contact local Freescale office on availability of parts with an extended temperature range.
2 See Section 21, “Package and Pin Listings,” for more information on the available package type.
3 Processor core frequencies supported by parts addressed by this specification only. Not all parts described in this
specification support all core frequencies. Additionally, parts addressed by Part Number Specifications may support other
maximum core frequencies.
4 An 800 MHz device is not supported in extended temperature (–40 °C to 125 °C).
Table 80. Available Parts (Core/DDR Data Rate)
MPC8377E
MPC8378E
MPC8379E
800 MHz/400 MHz
800 MHz/400 MHz
800 MHz/400 MHz
667 MHz/400 MHz
667 MHz/400 MHz
667 MHz/400 MHz
533 MHz/333 MHz
533 MHz/333 MHz
533 MHz/333 MHz
400 MHz/266 MHz
400 MHz/266 MHz
400 MHz/266 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com