Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8533ECVTANXB Datasheet(PDF) 110 Page - Freescale Semiconductor, Inc

Part # MPC8533ECVTANXB
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8533ECVTANXB Datasheet(HTML) 110 Page - Freescale Semiconductor, Inc

Back Button MPC8533ECVTANXB Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC8533ECVTANXB Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC8533ECVTANXB Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC8533ECVTANXB Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC8533ECVTANXB Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC8533ECVTANXB Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC8533ECVTANXB Datasheet HTML 112Page - Freescale Semiconductor, Inc MPC8533ECVTANXB Datasheet HTML 113Page - Freescale Semiconductor, Inc MPC8533ECVTANXB Datasheet HTML 114Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 116 page
background image
MPC8533E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
110
Freescale Semiconductor
System Design Information
21.10 Guidelines for High-Speed Interface Termination
21.10.1 SerDes Interface Entirely Unused
If the high-speed SerDes interface is not used at all, the unused pin should be terminated as described in
this section. However, the SerDes must always have power applied to its supply pins.
The following pins must be left unconnected (float):
•SD_TX[0:7]
•SD_TX[0:7]
The following pins must be connected to GND:
•SD_RX[0:7]
•SD_RX[0:7]
•SD_REF_CLK
•SD_REF_CLK
21.10.2 SerDes Interface Partly Unused
If only part of the high speed SerDes interface pins are used, the remaining high-speed serial I/O pins
should be terminated as described in this section.
The following pins must be left unconnected (float) if not used:
•SD_TX[0:7]
•SD_TX[0:7]
The following pins must be connected to GND if not used:
•SD_RX[0:7]
•SD_RX[0:7]
•SD_REF_CLK
•SD_REF_CLK
21.11 Guideline for PCI Interface Termination
PCI termination if not used at all is done as follows.
Option 1
•
If PCI arbiter is enabled during POR,
•
All AD pins will be driven to the stable states after POR. Therefore, all ADs pins can be floating.
•
All PCI control pins can be grouped together and tied to OVDD through a single 10-kΩ resistor.
•
It is optional to disable PCI block through DEVDISR register after POR reset.
Option 2
•
If PCI arbiter is disabled during POR,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com