Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PB5817W Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # PB5817W
Description  1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

PB5817W Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  PB5817W Datasheet HTML 1Page - PACELEADER INDUSTRIAL PB5817W Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
FEATURES
MECHANICAL DATA
UNITS
0C
0C
-40 to +135
-40 to +125
pF
Volts
Volts
Volts
Amps
Amps
Volts
0C / W
1.0
40
40
40
28
0.6
0.45
0.55
1.0
10
110
426
mA
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
High current and surge capability
Extremeil low thermal Resistance
For surface mount applications
Low forward voltage drop
o
High Tenp solbering
250 C/10 seconds at terminsls
Case
Molded plastic
Epoxy
UL 94V-0 rate flame retardant
Lead Aiial leads, solderable per MIL-STD-202,
Method 208 guaraneed
Polarity Color band denotes cathode end
Mounting position
Any
o
Ratings at 25 C ambient temperature unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load
For capacitive load, derate current by 20%
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current at TL (see Fig 1)
Peak Forward Surge Current 8.3ms Single Half Sine-Wave
Superimposed on Rated Load (JEDEC Method)
Maximum Instantaneous Forward Voltage at 1.0A
0
Maximum DC Reverse Current TA=25 C
0
at Rated DC Blocking Voltage TA=100 C
Typical Junction Capacitance (Note 1)
Typical Thermal Resistance R JA (NOTE 2)
Operating Temperature Range TJ
Storage Temperature Range TSTG
PB5819W
NOTES
1. Measured at 1.0MHz and applied reverse voltage of 5.0 volts
2. Thermal Resistance Junction to Case.
PB5817W thru PB5819W
PB5817W
20
14
20
PB5818W
30
21
30
www.paceleader.tw
SOD-123
.055(1.40)
.071(1.80)
.004(0.10)
.006(0.15)
.028(0.70)
.020(0.50)
0.30REF
.037(0.95)
.053(1.35)
1.00(2.55)
1.12(2.85)
1.40(3.55)
1.52(3.85)


Similar Part No. - PB5817W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PB58 ETC-PB58 Datasheet
69Kb / 4P
POWER BOOSTER AMPLIFIERS
logo
Cirrus Logic
PB58 APEX-PB58 Datasheet
250Kb / 4P
POWER BOOSTER AMPLIFIERS
PB58 CIRRUS-PB58 Datasheet
210Kb / 5P
Power Booster Amplifier
logo
Lumileds Lighting Compa...
PB58 LUMILEDS-PB58 Datasheet
1Mb / 2P
Styling solution for front turn and side marker applications
logo
List of Unclassifed Man...
PB586G ETC2-PB586G Datasheet
718Kb / 16P
BIPOLAR DIGITAL INTEGRATED CIRCUITS PB1507GV
More results

Similar Description - PB5817W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B120B DIODES-B120B Datasheet
57Kb / 3P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13002 Rev. 13 - 2
B130L DIODES-B130L Datasheet
65Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30151 Rev. A-1
B130LAW DIODES-B130LAW Datasheet
66Kb / 3P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30308 Rev. 2 - 2
B140N DIODES-B140N Datasheet
65Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30136 Rev. A-0
B130L DIODES-B130L_1 Datasheet
69Kb / 3P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30151 Rev. 6 - 2
logo
SUNMATE electronic Co.,...
BYM13-20 SUNMATE-BYM13-20 Datasheet
222Kb / 2P
1.0A Surface Mount Schottky Barrier Rectifier
logo
Diodes Incorporated
B120B DIODES-B120B_15 Datasheet
133Kb / 5P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 18
DFLS120LQ DIODES-DFLS120LQ_15 Datasheet
202Kb / 5P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 1
DFLS130LQ DIODES-DFLS130LQ_15 Datasheet
202Kb / 5P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 1
B130L DIODES-B130L_15 Datasheet
118Kb / 4P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev erse
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com