Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD551H Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # PSD551H
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

PSD551H Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  PSD551H Datasheet HTML 1Page - PACELEADER INDUSTRIAL PSD551H Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
PSD551H
SURFACE MOUNT SCHOTTKY BARRIER DIODES
SURFACE MOUNT SCHOTTKY BARRIER DIODES
0.0
100 A
1A
1mA
10mA
100mA
VF (V)
0.1
0.2
0.3
0.4
0.5
10A
25 C
25 C
75 C
125 C
Fig.1 Forward characteristics
0
VR (V)
100nA
1 A
10 A
100 A
1mA
10mA
100mA
40
10
20
30
25 C
25 C
75 C
125 C
Fig.2 Reverse characteristics
0.0
10.0
1.0
100.0
10.0
20.0
30.0
40.0
VR ( V)
1000.0
Fig.3 Capacitance between
terminals characteristics
Electrical characteristic curves
0
0.5
1.0
50
75
100
150
Fig.4 Derating curve
25
125
Ta ( C)
(Ta=25 C)
www.paceleader.tw



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com