Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD706 Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # PSD706
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

PSD706 Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  PSD706 Datasheet HTML 1Page - PACELEADER INDUSTRIAL PSD706 Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
PSD705 thru PSD706
SURFACE MOUNT SCHOTTKY BARRIER DIODES
SURFACE MOUNT SCHOTTKY BARRIER DIODES
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1m
10m
100m
pulse m easurem ent
1
10
100
1000m
Typ.
FORWARD VOLTAGE : VF
(V)
Fig. 1 Forward characteristics
Ta= 75 C
Ta= 25 C
Ta= - 25 C
0
5
10
1 5
2 0
2 5
3 0
3 5
100n
10n
1n
pulse m easurem ent
Typ.
100
m
10
1
m
REVERSE VOLTAGE : VR
(V)
Fig. 2 Reverse characteristics
Ta
=75 C
Ta
=25 C
Ta
=125 C
Ta= - 25 C
0
2
4
6
8
10
12
14
1
2
5
10
20
50
100
f = 1MHz
Ta= 25 C
REVERSE VOLTAGE : VR
(V)
Fig. 3 Capacitance between
terminals characteristics
Electrical characteristic curves (Ta = 25 C)
www.paceleader.tw



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com