Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB3020CT Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # SB3020CT
Description  SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SB3020CT Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  SB3020CT Datasheet HTML 1Page - PACELEADER INDUSTRIAL SB3020CT Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
RATINGS AND CHARACTERISTIC CURVES SB3020CT THRU SB30150CT
SB3020CT thru SB30150CT
SCHOTTKY BARRIER RECTIFIER
SCHOTTKY BARRIER RECTIFIER
CASETEMPER ATURE, C
O
0
50
100
150
50
40
30
20
10
0
NO. OF CYCLE AT 60HZ
400
350
300
250
200
150
100
50
0
1
2
5
10
20
50
100
8.3ms Single
Half Since-Wave
JEDEC Method
0
10
1.0
0.1
0.01
.001
20
4 0
60
80
100
PERCENT OFINS TAN TANEOUSREVERS EVOLTAGE , %
T = 12 5 C
J
O
T = 7 5 C
J
O
T = 2 5 C
J
O
.4
.5
.6
.7
.8
.9
1.0
1.1
40
10
8
6
4
2
1.0
.8
.6
.4
.2
.1
S B20,40V
S B 50,60V
S B80,150V
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
LEGAL STATEMENT
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.3- TYPICAL REVERSE CHARACTERISTIC
Fig.2- TMAXIMUM NON - REPETITIVE SURGE
CURRENT
Fig.4- TYPICAL INSTANTANEOUS FORWARD
CHRACTERISTIC
The information presented in this document is believed to be accurate and reliable.The specifications and information
herein are subject to change without notice.Pan Jit makes no warranty,representation or guarantee regarding the
suitability of its products for any particular purpose.Pan Jit products are not authorized for use in life support devices or
systems.Pan Jit does not convey any license under its patent rights or rights of others.
Copyright PanJit International, Inc 2006
www.paceleader.tw



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com