Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMB166 Datasheet(PDF) 2 Page - Sanken electric

Part # TMB166
Description  Triac (Bidirectional Triode Thyristor)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

TMB166 Datasheet(HTML) 2 Page - Sanken electric

  TMB166 Datasheet HTML 1Page - Sanken electric TMB166 Datasheet HTML 2Page - Sanken electric TMB166 Datasheet HTML 3Page - Sanken electric TMB166 Datasheet HTML 4Page - Sanken electric TMB166 Datasheet HTML 5Page - Sanken electric TMB166 Datasheet HTML 6Page - Sanken electric TMB166 Datasheet HTML 7Page - Sanken electric TMB166 Datasheet HTML 8Page - Sanken electric TMB166 Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Triac (Bidirectional Triode Thyristor)
TMB16xS
Series
2
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Units
Peak Repetitive Off-State Voltage
VDRM
RGREF =
∞
600
V
Peak Non-Repetitive Off-State Voltage
VDSM
RGREF =
∞
700
V
Isolation Voltage
VISO
AC RMS applied for 1 minute between lead and case
1800
V
RMS On-State Current
IT(RMS)
50/60 Hz full cycle sine wave,
total Conduction angle (
α+) + (α–) = 360°,
TC = 94°C
16
A
Surge On-State Current
ITSM
f = 60 Hz
Full cycle sine wave, peak value, non-repetitive,
initial TJ = 150°C
168
A
f = 50 Hz
160
A
I2t Value for Fusing
I2t
Value for 50 Hz half cycle sine wave, 1 cycle, ITSM = 160 A
128
A2• s
Critical Rising Rate of On-State
Current
di/dt
IT = IT(RMS) ×
21/2, VD = VDRM × 0.5, f ≤ 60 Hz, tgw ≥ 10 μs, tgr ≤
250 ns, igp ≥ 60 mA (refer to Gate Trigger Circuit diagram)
25
A/
μs
Peak Gate Current
IGM
f
≥ 50 Hz, duty cycle ≤ 10%
2
A
Peak Gate Power Dissipation
PGM
f
≥ 50 Hz, duty cycle ≤ 10%
5
W
Average Gate Power Dissipation
PGM(AV)
TJ < TJ(max)
0.5
W
Junction Temperature
TJ
–40 to 150
ºC
Storage Temperature
Tstg
–40 to 150
ºC
Thermal Characteristics May require derating at maximum conditions
Characteristic
Symbol
Test Conditions
Value
Units
Package Thermal Resistance
(Junction to Case)
RθJC
For AC
3.0
ºC/W
T1
T2
G
Terminal List Table
Number
Name
Function
1
T1
Main terminal, gate referenced
2
T2
Main terminal connect to signal side
3
G
Gate control
Pin-out Diagram
All performance characteristics given are typical values for circuit or
system baseline design only and are at the nominal operating voltage and
an ambient temperature, TA, of 25°C, unless otherwise stated.
12 3
Selection Guide
Part Number
VDRM
(V)
UL-Recognized
Component
Package
Packing
TMB166(I)
600
Yes
3-pin fully molded SIP with
heatsink mount
50 pieces per tube
TMB166S-L
600
–
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com