Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK86C Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # SK86C
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SK86C Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  SK86C Datasheet HTML 1Page - PACELEADER INDUSTRIAL SK86C Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
RATINGS AND CHARACTERISTIC CURVES S82C THRU SK810C
SK82C thru SK810C
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
1
10
100
0
35
70
105
140
175
200
8.0
4
0
2
6
0
75
100
125
150
175
25
50
0
0.1
1
10
50
0.2
0.4
0.6
0.8
1.0
20-40V
50-60V
80-100V
T = 25 C
A
O
20
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4
10
5
40
60
80
100
T =25 C
J
O
V
=20-60V
V
=80-100V
RRM
RRM
T =75 C
J
O
T =125 C
J
O
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.2-MAXIMUMNON-REPETITIVEPEAK
FORWARD SURGECURRENT
Fig.3- TYPICAL REVERSE CHARACTERISTIC
Fig.4- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTIC
O
LEAD TEMPERAURE, C
NO. OF CYCLE AT 60Hz
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
FORWARD VOLTAGE, VOLTS
SINGLEPHASEHALFWAVE60Hz
RESISTIVEORINDUCTIVELOAD
P.C.BMOUNTED
ON0.2 X X 0.2"( 5.0 5.0mm)
COPPERPADAREAS
www.paceleader.com.tw



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com