Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5402 Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # SM5402
Description  SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SM5402 Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  SM5402 Datasheet HTML 1Page - PACELEADER INDUSTRIAL SM5402 Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
FEATURES
MECHANICAL DATA
SM5400 thru SM5408
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIERS
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIERS
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
UNITS
0C
-55 to +150
40
10
60
pF
SYMBOL
Volts
Volts
Volts
Amps
Amps
Volts
3.0
150
1.1
5.0
100
0C / W
o
Ratings at 25 C ambient temperature unless otherwise specified
Single phase, half sine wave, 60Hz, resistive or inductive load
For capacitive load, derate current by 20%
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
CJ
R JA
R JL
TJ
TSTG
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
A
Maximum Current Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
0
Maximum Average Forward Rectified Current TT=55 C
Peak Forward Surge Current Single Sine-Wave on Rated
Load (JEDEC Method)
Maximum Instantaneous Forward Voltage Drop at 3.0A DC
0
Maximum DC Reverse Current @TA=25 C
0
at Rated DC Blocking Voltage @TA=125 C
Typical Thermal Rseistance
Typical Junction capacitance
Operating Junction And Storage Temperature Range
300
210
300
500
350
500
SM5400 SM5401 SM5402 SM5403 SM5404 SM5405 SM5406 SM5407 SM5408
Ldeal for surface mounted applications
Low leakage current
Glass passivated chips
Easy pick and place
o
250 C/10 seconds/.375
, (9.5mm) lead lengths
High temperature soldering guaranteed
o
250 C/10 seconds/.375
, (9.5mm) lead lengths
Case
Molded plastic use UL94V-0 recoqnized
flame retardant epoxy
Terminals
Plated terminals, solderable per
MIL-STD-202, Method208
Polarity Red Color band on body denotes cathode
Mounting position
Any
Weight 0.036grams
DO-213AB / MELF
0.022(0.559)
0.016(0.406)
0.205(5.20)
0.185(4.70)
0.105(2.67)
0.095(2.41)
+0
-0.008(0.20)
SOLDERABLE ENDS
CATHODE BAND
D1=
D2=D1
D2
Dimension in inches (millimeters )
www.paceleader.com.tw


Similar Part No. - SM5402

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SM5402 DIOTEC-SM5402 Datasheet
164Kb / 2P
Surface Mount Si-Rectifiers
SM5402 DIOTEC-SM5402 Datasheet
110Kb / 2P
Surface Mount Si-Rectifiers
logo
Semikron International
SM5402 SEMIKRON-SM5402 Datasheet
107Kb / 2P
Standard silicon rectifier diodes
logo
Shenzhen Luguang Electr...
SM5402 LUGUANG-SM5402 Datasheet
150Kb / 2P
Surface Mount Rectifiers
logo
Diotec Semiconductor
SM5402 DIOTEC-SM5402 Datasheet
152Kb / 2P
Standard Recovery SMD Rectifier Diodes
More results

Similar Description - SM5402

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
LL4933G TSC-LL4933G_1 Datasheet
260Kb / 2P
1.0AMP Surface Mount Glass Passivated Silicon Rectifiers
logo
SEMTECH ELECTRONICS LTD...
LL4001G SEMTECH_ELEC-LL4001G Datasheet
409Kb / 2P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIERS
LM4001G SEMTECH_ELEC-LM4001G Datasheet
281Kb / 2P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIERS
logo
PACELEADER INDUSTRIAL
SM201 PACELEADER-SM201 Datasheet
173Kb / 2P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIERS
SM4001 PACELEADER-SM4001 Datasheet
798Kb / 2P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIERS
SM5391 PACELEADER-SM5391 Datasheet
1Mb / 2P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIERS
logo
Formosa MS
LM4007G FORMOSA-LM4007G Datasheet
254Kb / 2P
Surface Mount Glass Passivated Silicon Rectifiers
logo
Shenzhen Yixinwei Techn...
S1AL YIXIN-S1AL Datasheet
163Kb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
S3AB HY-S3AB_19 Datasheet
266Kb / 3P
Surface Mount Glass Passivated Rectifiers
logo
SHIKUES Electronics
LM4001G SKTECHNOLGY-LM4001G Datasheet
1Mb / 2P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com