Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS1105WA Datasheet(PDF) 2 Page - STANLEY ELECTRIC CO.,LTD.

Part # PS1105WA
Description  Surface Mount Phototransistor/Dome Lenz Type
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

PS1105WA Datasheet(HTML) 2 Page - STANLEY ELECTRIC CO.,LTD.

  PS1105WA Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. PS1105WA Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. PS1105WA Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. PS1105WA Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. PS1105WA Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. PS1105WA Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. PS1105WA Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. PS1105WA Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. PS1105WA Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Page 2
PS1105WA
Surface Mount Phototransistor/Flat Lenz Type
Abs olute Maximum R atings
Ite m
Symbol
Unit
Colle ctor Dissipa tion
P c
mW
Colle ctor-E mitte r Volta g e
VCEO
V
E mitte r-Colle ctor Volta g e
VECO
V
Colle ctor Curre nt
Ic
mA
Operating Temperature
T opr
℃
S torag e Te mperature
T stg
℃
E lectro- Optical Characteris tics
Min.
1.6
mA
TYP .
8
mA
Ma x .
19
mA
Re sponse T ime
tr/tf
T YP .
8/9
μs
Da rk Curre nt
ICEO
Ma x .
0.1
μA
P e a k S e nsitivity Wa ve le ng th
λp
T YP .
880
nm
S pa tia l Ha lf Width
⊿θ
TYP .
45
de g.
※ 1 Color te mpe ra ture is 2,856K. E mploys a standa rd tungste n lamp.
20
-30~ +85
-40~ +90
Abs olute Max imum Ratings
75
30
5
P hoto Curre nt
Ic
VCE=5V,
Ee=5mW/cm
2 ※ 1
Conditions
VCE=10V, Ic=2mA,
RL =100Ω
VCEO=10V
VCE=5V
VCE=5V
Characte ristics
Ite m
Unit
Symbol
(Ta=25℃)
(Ta=25℃)
2009.3.24



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com