Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW1148C Datasheet(PDF) 4 Page - STANLEY ELECTRIC CO.,LTD.

Part # SW1148C
Description  1608 (h=0.35 mm) Type White LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

SW1148C Datasheet(HTML) 4 Page - STANLEY ELECTRIC CO.,LTD.

  SW1148C Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. SW1148C Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. SW1148C Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. SW1148C Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. SW1148C Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. SW1148C Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. SW1148C Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. SW1148C Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. SW1148C Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electro-Optical Characteristics
Page 4
SW1148C
1608 (h=0.35 mm) Type White LED
(Ta=25℃)
Conditions
TYP.
2.8
MAX.
3.0
Reverse Current
VR=5V
IR
MAX.
100
μA
140(θx)
162(θy)
xTYP.
0.27
-
yTYP.
0.26
-
Chromaticity
Coordinates
IF=1mA
Forward Voltage
※ 1
IF=1mA
Half Intensity Angle
IF=1mA
Unit
V
deg.
Item
Symbol
VF
2θ1/2
TYP.
Characteristics
2009.2.2
※1 Forward Voltage Tolerance Range : ±0.1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com