Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2155 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2155
Description  2-Phase, Single Output, PWM Synchronous Buck Control IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2155 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2155 Datasheet HTML 1Page - Micrel Semiconductor MIC2155 Datasheet HTML 2Page - Micrel Semiconductor MIC2155 Datasheet HTML 3Page - Micrel Semiconductor MIC2155 Datasheet HTML 4Page - Micrel Semiconductor MIC2155 Datasheet HTML 5Page - Micrel Semiconductor MIC2155 Datasheet HTML 6Page - Micrel Semiconductor MIC2155 Datasheet HTML 7Page - Micrel Semiconductor MIC2155 Datasheet HTML 8Page - Micrel Semiconductor MIC2155 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
Micrel, Inc.
MIC2155/2156
May 2009
5
M9999-052709-A
(408) 944-0800
Pin Number
Pin Name
Pin Function
16
PGOOD
Power Good (Output): Asserts high when voltage on the FB pin rises above
Power Good threshold.
17
EA2+
(input) Positive input to Channel 2 (current sharing) error amplifier. Connect to
Channel 1 current sense.
18
FB2
(input) Negatve input to Channel 2 (current sharing) error amplifier. Connect to
Channel 2 current sense.
19
COMP2
Compensation 2 (Input): Pin for external compensation of Channel 2.
20
VOUT
Output sense (input): Connect to output side of inductors. Used for current
sharing.
21
VIN2
(Input) Supply voltage for Channel 2. Used for Channel 2 UVLO circuit.
22
N/C
No Connect
23
SW2
Switch node 2 (Output): Return for HSD2.
24
HSD2
High-Side Drive 2 (Output): High current output-driver for the high-side
MOSFET.
25
BST2
Boost 2 (Input): Provides voltage for high-side MOSFET driver in Channel 2. The
gate drive voltage is higher than the source voltage by VDD minus a diode drop.
26
PGND2
Power Ground 2. High current return for low side driver 2.
27
LSD2
Low-Side Drive 2 (Output): High-current driver output for Channel 2 low-side
external MOSFET.
28
VDD
5V Internal Linear Regulator from VIN1 (Output): VDD is the ext. MOSFET gate
drive supply voltage and an internal supply bus for the IC. When VIN1 is <5V, this
regulator operates in drop-out mode. Connect external bypass capacitor.
29
EN1
Enable 1 (Input): Output enable. Turns off both sides. Pull high to enable. Pull
low to disable.
30
VIN1
Supply voltage Channel 1 (Input): Used for UVLO and VDD circuits.
31
LSD1
Low-Side Drive 1 (Output): High-current driver output for Channel 1 low-side
external MOSFET.
32
PGND1
Power Ground 1. High current return for low side driver 1.
EPAD
EP
Exposed Pad (Power) : Must make a full connection to the GND plane to
maximize thermal performance of the package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com