Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC3003 Datasheet(PDF) 12 Page - Micrel Semiconductor

Part # MIC3003
Description  FOM Management IC with Internal Calibration
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3003 Datasheet(HTML) 12 Page - Micrel Semiconductor

Back Button MIC3003 Datasheet HTML 8Page - Micrel Semiconductor MIC3003 Datasheet HTML 9Page - Micrel Semiconductor MIC3003 Datasheet HTML 10Page - Micrel Semiconductor MIC3003 Datasheet HTML 11Page - Micrel Semiconductor MIC3003 Datasheet HTML 12Page - Micrel Semiconductor MIC3003 Datasheet HTML 13Page - Micrel Semiconductor MIC3003 Datasheet HTML 14Page - Micrel Semiconductor MIC3003 Datasheet HTML 15Page - Micrel Semiconductor MIC3003 Datasheet HTML 16Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 75 page
background image
Micrel, Inc.
MIC3003
November 2009
12
M9999-111209-C
hbwhelp@micrel.com or (408) 955-1690
Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
VMOD Buffer Op-Amp, VMOD, VMOD–
GBW
Gain Bandwidth
CCOMP = 20pF; gain = 1
1
MHz
TCVOS
Input Offset Voltage Temperature
Coefficient
1
µV/°C
IBIAS
VMOD– Input Current
±0.1
±1
µA
VOUT
Output Voltage Swing
IOUT = ±1mA
GNDA+75
VDDA-75
mV
ISC
Output Short-Circuit Current
35
mA
tSC
Short Circuit Withstand Time
TJ ≤ 150°C, Note 9
sec
CCOMP = 20pF; gain = 1, to GND
65
dB
PSRR
Power Supply Rejection Ratio
CCOMP = 20pF; gain = 1, to VDD
44
dB
AMIN
Minimum Stable Gain
CCOMP = 20pF
1
V/V
ΔV/ΔT
Slew Rate
CCOMP = 20pF; gain = 1
1
V/µs
CIN
Pin Capacitance
10
pF
Control and Status I/O, TXDISABLE, TXFAULT, RS0, RRSOUT(GPO), SHDN(TXFIN), RXLOS(TRSOUT), /INT, RS1, QGPO
VIL
Low Input Voltage
0.8
V
VIH
High Input Voltage
2.0
V
VOL
Low Output Voltage
IOL ≤ 3mA
0.3
V
VOH
High Output Voltage
(applies to SHDN only)
IOH ≤ 3mA
VDDD–0.3
V
ILEAK
Input Current
±1
µA
CIN
Input Capacitance
10
pF
Transmit Optical Power Input, VMPD
VIN
Input Voltage Range
Note 9
GNDA
VDDA
V
BIASREF=0
VREF
V
VRX
Input Signal Range
BIASREF=1
VDDA–VREF
VDDA
V
CIN
Input Capacitance
Note 9
10
pF
ILEAK
Input Current
±1
µA
Received Optical Power Input, VRX, RXPOT
Input Voltage Range
Note 9
GNDA
VDDA
V
VRX
Valid Input Signal Range
(ADC Input Range)
0
VREF
V
RRXPOT(32)
End-to-End Resistance
RXPOT = 1Fh
32
KΩ
ΔRXPOT
Resistor Tolerance
±20
%
ΔRXPOT/ΔT Resistor Temperature Coefficient
25
ppm/ºC
ΔVRX/VRXPOT Divider Ratio Accuracy
00 ≤ RXPOT ≤ 1Fh
-5
+5
%
ILEAK
Input Current
RXPOT = 0 (disconnected)
±1
µA
CIN
Input Capacitance
Note 9
10
pF
ILEAK
Input Current
±1
µA
Note:
9. Guaranteed by design and/or testing of related parameters. Not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com