Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC3003GML Datasheet(PDF) 21 Page - Micrel Semiconductor

Part # MIC3003GML
Description  FOM Management IC with Internal Calibration
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3003GML Datasheet(HTML) 21 Page - Micrel Semiconductor

Back Button MIC3003GML Datasheet HTML 17Page - Micrel Semiconductor MIC3003GML Datasheet HTML 18Page - Micrel Semiconductor MIC3003GML Datasheet HTML 19Page - Micrel Semiconductor MIC3003GML Datasheet HTML 20Page - Micrel Semiconductor MIC3003GML Datasheet HTML 21Page - Micrel Semiconductor MIC3003GML Datasheet HTML 22Page - Micrel Semiconductor MIC3003GML Datasheet HTML 23Page - Micrel Semiconductor MIC3003GML Datasheet HTML 24Page - Micrel Semiconductor MIC3003GML Datasheet HTML 25Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 75 page
background image
Micrel, Inc.
MIC3003
November 2009
21
M9999-111209-C
hbwhelp@micrel.com or (408) 955-1690
Alarms and Warnings as TXFAULT Source
Alarms and warnings are not sources for TXFAULT with
the default setting. To set alarms as a TXFAULT source
set OEMCFG4 bit 6 to 1. To set warnings as a
TXFAULT, source set OEMCFG4 bit 7 to 1. The alarms
and warnings TXFAULT sources can be masked
individually in the same way shown in Tables 7 and 8.
Latching of Alarms and Warnings
Alarms and warnings are latched by default, i.e., once
asserted the flags remain ON until the register is read or
TXDSABLE is toggled. If OEMCFG4 bit 5 is set to 1, the
warnings are not latched and will be set and reset with
the warning condition. Reading the register or toggling
TXDISABLE will clear the flag. If OEMCFG4 bit 4 is set
to 1, the alarms are not latched and will be set and reset
with the alarm condition. Reading the register or toggling
TXDISABLE will clear the flag.
SMBus Multipart Support
If more than one MIC3003 device shares the same serial
interface and multipart mode is selected on them
(OEMCFG5 bit 3 = 1), then pin 7 and pin 20 become
SMBus address bits 3 and 4 respectively. Therefore, the
parts should have a different setting on those pins to
create four address combinations based upon the state
of pin 7 and pin 20 state, (00, 01, 10, 11) where 0 is a
pull down to GND and 1 is a pull up to VCC. The parts
come from the factory with the same address (A0) and
multipart mode off (OEMCFG5 bit 3 is 0). After power
up, write 1 to OEMCFG5 bit 3 to turn ON multipart mode,
which is done to all parts at the same time since they all
respond to serial address A0 at this point. With multipart
mode on, the parts have now different addresses based
on the states of pins 7 and 20. Another option is to
access each part individually, set their single mode
address in OEMCFG2 bits [4-7] to different values and
then turn off multipart mode to return to normal mode
where the parts have new different addresses.
QGOP Pin Function
QGOP can be used in GOP mode as a general purpose
output by setting OEMCFG3 bit 7 to 0, or as in RESET
mode as a reset signal output by setting OEMCFG3 bit 7
to 1.
If RESET mode is selected, the reset signal state is
controlled by RSETOUT (A2:FFh bits [2-0]). By default,
these three bits are 000, and the QGPO output is
undriven (state: High). When the three bits are written to
111, QGPO’s open-drain output will be driven low for
125 μs (typical), after which QGPO reenters the undriven
state. The RESETOUT field is cleared from 111 to 000
22.5 ms (typical) after the de-assertion edge of QGPO.
Other values of this delay may be selected by setting
TRSTCLR (OEMCFG2 bits [2-0]) to different values as
shown on table.
If Reset mode in OEMCFG3 is not selected, these three
bits have no function.
TRSTCLR
[2-0]
Delay from QGPO
Switching high to
RESETOUT clear
000
Zero delay
001
17.5 ms typical
010
22.5 ms typical (default)
011
27 ms typical
100
45 ms typical
Table 9. RESETOUT Clear Delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com