Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7194 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7194
Description  8-Channel, 4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7194 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7194 Datasheet HTML 17Page - Analog Devices AD7194 Datasheet HTML 18Page - Analog Devices AD7194 Datasheet HTML 19Page - Analog Devices AD7194 Datasheet HTML 20Page - Analog Devices AD7194 Datasheet HTML 21Page - Analog Devices AD7194 Datasheet HTML 22Page - Analog Devices AD7194 Datasheet HTML 23Page - Analog Devices AD7194 Datasheet HTML 24Page - Analog Devices AD7194 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
AD7194
Rev. 0 | Page 21 of 56
MODE REGISTER
RS2, RS1, RS0 = 001; Power-On/Reset = 0x080060
The mode register is a 24-bit register from which data can be
read or to which data can be written. This register is used to
select the operating mode, the output data rate, and the clock
source. Table 19 outlines the bit designations for the mode
register. MR0 through MR23 indicate the bit locations, MR
denoting that the bits are in the mode register. MR23 denotes
the first bit of the data stream. The number in parentheses
indicates the power-on/reset default status of that bit. Any write
to the mode register resets the modulator and filter and sets the
RDY bit.
MR23
MR22
MR21
MR20
MR19
MR18
MR17
MR16
MD2(0)
MD1(0)
MD0(0)
DAT_STA(0)
CLK1(1)
CLK0(0)
AVG1(0)
AVG0(0)
MR15
MR14
MR13
MR12
MR11
MR10
MR9
MR8
SINC3(0)
0
ENPAR(0)
CLK_DIV(0)
Single(0)
REJ60(0)
FS9(0)
FS8(0)
MR7
MR6
MR5
MR4
MR3
MR2
MR1
MR0
FS7(0)
FS6(1)
FS5(1)
FS4(0)
FS3(0)
FS2(0)
FS1(0)
FS0(0)
Table 19. Mode Register (MR) Bit Designations
Bit Location
Bit Name
Description
MR23 to
MR21
MD2 to MD0
Mode select bits. These bits select the operating mode of the AD7194 (see Table 20).
MR20
DAT_STA
This bit enables the transmission of status register contents after each data register read. When DAT_STA
is set, the contents of the status register are transmitted along with each data register read. This function
is useful when several channels are selected because the status register identifies the channel to which
the data register value corresponds.
MR19, MR18
CLK1, CLK0
These bits select the clock source for the AD7194. Either the on-chip 4.92 MHz clock or an external clock
can be used. The ability to use an external clock allows several AD7194 devices to be synchronized. Also,
50 Hz/60 Hz rejection is improved when an accurate external clock drives the AD7194.
CLK1
CLK0
ADC Clock Source
0
0
External crystal. The external crystal is connected from MCLK1 to MCLK2.
0
1
External clock. The external clock is applied to the MCLK2 pin.
1
0
Internal 4.92 MHz clock. Pin MCLK2 is tristated.
1
1
Internal 4.92 MHz clock. The internal clock is available on MCLK2.
MR17, MR16
AVG1, AVG0
Fast settling filter. When this option is selected, the settling time equals one conversion time. In fast
settling mode, a first-order average and decimate block is included after the sinc filter. The data from the
sinc filter is averaged by 2, 8, or 16. The averaging reduces the output data rate for a given FS word;
however, the rms noise improves. The AVG1 and AVG0 bits select the amount of averaging. Fast settling
mode can be used for FS words less than 512 only. When the sinc3 filter is selected, the FS word must be
less than 256 when averaging by 16.
AVG1
AVG0
Average
0
0
No averaging (fast settling mode disabled)
0
1
Average by 2
1
0
Average by 8
1
1
Average by 16
MR15
SINC3
Sinc3 filter select bit. When this bit is cleared, the sinc4 filter is used (default value). When this bit is set,
the sinc3 filter is used. The benefit of the sinc3 filter compared to the sinc4 filter is its lower settling time.
For a given output data rate, fADC, the sinc3 filter has a settling time of 3/fADC whereas the sinc4 filter has
a settling time of 4/fADC when chop is disabled. The sinc4 filter, due to its deeper notches, gives better
50 Hz/60 Hz rejection. At low output data rates, both filters give similar rms noise and similar no missing
codes for a given output data rate. At higher output data rates (FS values less than 5), the sinc4 filter gives
better performance than the sinc3 filter for rms noise and no missing codes.
MR14
0
This bit must be programmed with a Logic 0 for correct operation.
MR13
ENPAR
Enable parity bit. When ENPAR is set, parity checking on the data register is enabled. The DAT_STA bit in
the mode register should be set when the parity check is used. When the DAT_STA bit is set, the contents
of the status register are transmitted along with the data for each data register read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com