Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9231-40EBZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD9231-40EBZ
Description  12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9231-40EBZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9231-40EBZ Datasheet HTML 9Page - Analog Devices AD9231-40EBZ Datasheet HTML 10Page - Analog Devices AD9231-40EBZ Datasheet HTML 11Page - Analog Devices AD9231-40EBZ Datasheet HTML 12Page - Analog Devices AD9231-40EBZ Datasheet HTML 13Page - Analog Devices AD9231-40EBZ Datasheet HTML 14Page - Analog Devices AD9231-40EBZ Datasheet HTML 15Page - Analog Devices AD9231-40EBZ Datasheet HTML 16Page - Analog Devices AD9231-40EBZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
AD9231
Rev. 0 | Page 13 of 36
AVDD = 1.8 V; DRVDD = 1.8 V, maximum sample rate, 2 V p-p differential input, 1.0 V internal reference; AIN = −1.0 dBFS, DCS
disabled, unless otherwise noted.
–120
–100
–80
–60
–40
–20
0
–70
–60
–50
–40
INPUT AMPLITUDE (dBFS)
–30
–20
–10
SFDR (dBc)
SFDR (dBFS)
IMD3 (dBc)
IMD3 (dBFS)
Figure 12. Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN) with
fIN1 = 28.3 MHz and fIN2 = 30.6 MHz
0
10
20
30
40
50
60
70
80
90
100
0
50
100
150
200
INPUT FREQUENCY (MHz)
SNR
SFDR
Figure 13. AD9231-80 SNR/SFDR vs. Input Frequency (AIN) with
2 V p-p Full Scale
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
0
500
1000
1500
2000
2500
3000
3500
4000
OUTPUT CODE
Figure 14. AD9231-80 DNL Error with fIN = 9.7 MHz
0
10
20
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
SAMPLE RATE (MHz)
SNRFS
SFDR
Figure 15. AD9231-80 SNR/SFDR vs. Sample Rate with AIN = 9.7 MHz
0
10
20
30
40
50
60
70
80
90
100
–70
–60
–50
–40
–30
–20
–10
0
INPUT AMPLITUDE (dBc)
SNR
SNRFS
SFDR
SFDRFS
Figure 16. AD9231-80 SNR/SFDR vs. Input Amplitude (AIN) with fIN = 9.7 MHz
–0.2
0.4
0.2
0
0.4
0
500
1000
1500
2000
2500
3000
3500
4000
OUTPUT CODE
Figure 17. AD9231-80 INL with fIN = 9.7 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com