Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP150 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP150
Description  Ultralow Noise, 150 mA CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP150 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP150 Datasheet HTML 8Page - Analog Devices ADP150 Datasheet HTML 9Page - Analog Devices ADP150 Datasheet HTML 10Page - Analog Devices ADP150 Datasheet HTML 11Page - Analog Devices ADP150 Datasheet HTML 12Page - Analog Devices ADP150 Datasheet HTML 13Page - Analog Devices ADP150 Datasheet HTML 14Page - Analog Devices ADP150 Datasheet HTML 15Page - Analog Devices ADP150 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ADP150
Rev. 0 | Page 12 of 20
APPLICATIONS INFORMATION
CAPACITOR SELECTION
Output Capacitor
The ADP150 is designed for operation with small, space-saving
ceramic capacitors but functions with most commonly used
capacitors as long as care is taken with regard to the effective
series resistance (ESR) value. The ESR of the output capacitor
affects the stability of the LDO control loop. A minimum of 1 μF
capacitance with an ESR of 1 Ω or less is recommended to
ensure the stability of the ADP150. The transient response to
changes in load current is also affected by output capacitance.
Using a larger value of output capacitance improves the transient
response of the ADP150 to large changes in the load current.
Figure 27 and Figure 28 show the transient responses for output
capacitance values of 1 μF and 4.7 μF, respectively.
CH1 100mA
CH2 50mV
M1.0µs
A CH1
100mA
T
716.000µs
1
2
T
IOUT
1mA TO 150mA LOAD STEP
VOUT
VIN = 3.7V
VOUT = 3.3V
Figure 27. Output Transient Response, COUT = 1 μF
CH1 100mA
CH2 50mV
M1.0µs
A CH1
108mA
T
240.000ns
1
2
T
IOUT
1mA TO 150mA LOAD STEP
VOUT
VIN = 3.7V
VOUT = 3.3V
Figure 28. Output Transient Response, COUT = 4.7 μF
Input Bypass Capacitor
Connecting a 1 μF capacitor from VIN to GND reduces the
circuit sensitivity to the PCB layout, especially when long input
traces or high source impedance is encountered. If greater than
1 μF of output capacitance is required, increase the input capacitor
to match the output capacitor.
Input and Output Capacitor Properties
Any good quality ceramic capacitors can be used with the ADP150,
as long as they meet the minimum capacitance and maximum
ESR requirements. Ceramic capacitors are manufactured with a
variety of dielectrics, each with different behavior over temperature
and applied voltage. Capacitors must have a dielectric adequate to
ensure the minimum capacitance over the necessary temperature
range and dc bias conditions. X5R or X7R dielectrics with a
voltage rating of 6.3 V or 10 V are recommended. Y5V and Z5U
dielectrics are not recommended, due to their poor temperature
and dc bias characteristics.
Figure 29 depicts the capacitance vs. the voltage bias characteristic
of a 0402, 1 μF, 10 V, X5R capacitor. The voltage stability of a
capacitor is strongly influenced by the capacitor size and voltage
rating. In general, a capacitor in a larger package or higher voltage
rating exhibits better stability. The temperature variation of the X5R
dielectric is about ±15% over the −40°C to +85°C temperature
range and is not a function of package or voltage rating.
1.2
1.0
0.8
0.6
0.4
0.2
0
02
46
8
1
BIAS VOLTAGE (V)
0
Figure 29. Capacitance vs. Voltage Bias Characteristic
Use Equation 1 to determine the worst-case capacitance,
accounting for capacitor variation over temperature, component
tolerance, and voltage.
CEFF = CBIAS × (1 − TEMPCO) × (1 − TOL)
(1)
where:
CBIAS is the effective capacitance at the operating voltage.
TEMPCO is the worst-case capacitor temperature coefficient.
TOL is the worst-case component tolerance.
In this example, the worst-case temperature coefficient (TEMPCO)
over −40°C to +85°C is assumed to be 15% for an X5R dielectric.
The tolerance of the capacitor (TOL) is assumed to be 10%, and
the CBIAS is 0.94 μF at 1.8 V, as shown in Figure 29.
Substituting these values in Equation 1 yields
CEFF = 0.94 μF × (1 − 0.15) × (1 − 0.1) = 0.719 μF
Therefore, the capacitor chosen in this example meets the
minimum capacitance requirement of the LDO over temperature
and tolerance at the chosen output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com