Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC4DHM Datasheet(PDF) 2 Page - Motorola, Inc

Part # MAC4DHM
Description  TRIACS 4.0 AMPERES RMS 600 VOLTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC4DHM Datasheet(HTML) 2 Page - Motorola, Inc

  MAC4DHM Datasheet HTML 1Page - Motorola, Inc MAC4DHM Datasheet HTML 2Page - Motorola, Inc MAC4DHM Datasheet HTML 3Page - Motorola, Inc MAC4DHM Datasheet HTML 4Page - Motorola, Inc MAC4DHM Datasheet HTML 5Page - Motorola, Inc MAC4DHM Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MAC4DHM MAC4DLM
2
Motorola Thyristor Device Data
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristics
Symbol
Min
Typ
Max
Unit
Peak Repetitive Blocking Current
(VD = Rated VDRM, Gate Open)
TJ = 25°C
TJ = 110°C
IDRM
0.01
2.0
mA
Peak On–State Voltage (1)
(ITM = ± 6.0 A)
VTM
1.3
1.6
Volts
Gate Trigger Current (Continuous dc) (VD = 12 V, RL = 100 W)
MT2(+), G(+)
MAC4DLM
MT2(+), G(–)
MT2(–), G(–)
MT2(–), G(+)
MT2(+), G(+)
MAC4DHM
MT2(+), G(–)
MT2(–), G(–)
MT2(–), G(+)
IGT
1.8
2.1
2.4
4.2
1.8
2.1
2.4
4.2
3.0
3.0
3.0
5.0
5.0
5.0
5.0
10
mA
Gate Trigger Voltage (Continuous dc) (VD = 12 V, RL = 100 W)
MT2(+), G(+)
MT2(+), G(–)
MT2(–), G(–)
MT2(–), G(+)
(VD = 12 V, RL = 10 K W, TJ = 110°C)
MT2(+), G(+); MT2(+), G(–); MT2(–), G(–); MT2(–), G(+)
VGT
0.5
0.5
0.5
0.5
0.1
0.62
0.57
0.65
0.74
0.4
1.3
1.3
1.3
1.3
Volts
Holding Current
(VD = 12 V, Gate Open, IT = ± 200 mA)
IH
1.5
15
mA
Latching Current
MT2(+), G(+)
(VD = 12 V, IG = 5.0 mA)
MT2(+), G(–)
(VD = 12 V, IG = 5.0 mA)
MT2(–), G(–)
(VD = 12 V, IG = 5.0 mA)
MT2(–), G(+)
(VD = 12 V, IG = 10 mA)
IL
1.75
5.2
2.1
2.2
10
10
10
10
mA
DYNAMIC CHARACTERISTICS
Characteristics
Symbol
Min
Typ
Max
Unit
Rate of Change of Commutating Current (1)
(VD = 200 V, ITM = 1.8 A, Commutating dv/dt = 1.0 V/msec, TJ = 110°C,
f = 250 Hz, CL = 5.0
mfd, LL = 80 mH, RS = 56 W, CS = 0.03 mfd)
See Figure 10
di/dt(c)
3.0
A/ms
Critical Rate of Rise of Off–State Voltage
(VD = 0.67 X Rated VDRM, Exponential Waveform,
Gate Open, TJ = 110°C)
dv/dt
10
V/
ms
(1) Pulse test: Pulse Width
≤ 2.0 msec, Duty Cycle ≤ 2%.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com