Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC73P2602SN2 Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # SC73P2602SN2
Description  PROGRAMMABLE INFRARED REMOTE TRANSMITTER WITH BUILT-IN TRANSISTOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC73P2602SN2 Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  SC73P2602SN2 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC73P2602SN2 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC73P2602SN2 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC73P2602SN2 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC73P2602SN2 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC73P2602SN2 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC73P2602SN2 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC73P2602SN2 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC73P2602SN2 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2009.11.19
Http: //www.silan.com.cn
Page 3 of 28
Part No.
I/O
Package
Marking
Material
Packing type
SC73P2602SC2TR
11
SOP-16-225-1.27
SC73P2602SC2
Pb free
Tape & Reel
SC73P2602SC3TR
11
SOP-16-225-1.27
SC73P2602SC3
Pb free
Tape & Reel
SC73P2602SATR
4
SOP-8-225-1.27
SC73P2602SA
Pb free
Tape & Reel
ABSOLUTE MAXIMUM RATINGS
Characteristics
Symbol
Value
Units
Supply Voltage
VDD
-0.3 ~ +4.0
V
Input Voltage
VI
-0.3 ~ VDD+0.3
V
Storage Temperature
TSTG
-65 ~ +125
°C
Operating Temperature
TOPR
-20 ~ +70
°C
DC ELECTRICAL CHARACTERISTICS (unless otherwise specified, VDD=3V, Tamb=25°C)
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units.
Operating Voltage
VDD
-
1.8
-
3.6
V
Low-Voltage Reset
VLVR
-
-
1.55
-
V
Low-Voltage Detect
VLVD
-
-
1.7
-
V
VDD=3.6V
-
3.0
-
VDD=3.0V
-
2.0
-
Operating
mode:
FOSC=4MHz
VDD=1.8V
-
0.3
-
mA
Operating Current
IDD
Stop mode (oscillator is off)
-
-
1
μA
Oscillator Frequency
FOSC
-
2
4
6
MHz
Oscillator Voltage
VOSC
-
-
1.35
-
V
Input High Voltage
VIH
-
0.7VDD
-
VDD
Input Low Voltage
VIL
-
0
-
0.3VDD
V
P53
-
9.5
-
Output High Current
IOH
VOH=2.7V
P02~P03
P1, P2, P3
P50~P52
-
0.6
-
mA
P53
-
-19
-
P53(N-MOS
open drain)
-
-350
-
Output Low Current
IOL
VOL=0.3V
P02~P03
P1, P2, P3
P50~P52
-
-5.5
-
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com