Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC9699P Datasheet(PDF) 6 Page - Silan Microelectronics Joint-stock

Part # SC9699P
Description  CD SERVO CONTROLLER WITH MCU (WITH DTS AND CLOCK)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9699P Datasheet(HTML) 6 Page - Silan Microelectronics Joint-stock

Back Button SC9699P Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9699P Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9699P Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9699P Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9699P Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9699P Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9699P Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9699P Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC9699P Datasheet HTML 10Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SC9699P
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2008.03.24
Http: www.silan.com.cn
Page 6 of 11
(Continued)
Pin no.
Pin name
I/O
Descriptions
24
IFin
I
IF signal input
25
AMIN
I
AM frequency counting signal input
26
FMIN
I
FM frequency counting signal input
27
AVSS
I
Ground for DTS PLL
28
MVDD
I
MCU and periphery power supply
29
MXI
I
75K oscillator input port
30
MXO
O
75K oscillator output port
31
MGND
I
MCU and periphery ground
32
INT4/PB.4
I/O
General purpose IO port, input bit by bit control with pull-up,
output pull-up close, Schmitt input
33
INT3/PB.3
I/O
General purpose IO port, input bit by bit control with pull-up,
output pull-up close, Schmitt input
34
INT2/PB.2
I/O
General purpose IO port, input bit by bit control with pull-up,
output pull-up close, Schmitt input
35
INT1/PB.1
I/O
General purpose IO port, input bit by bit control with pull-up,
output pull-up close, Schmitt input
36
INT0/PB.0
I/O
General purpose IO port, input bit by bit control with pull-up,
output pull-up close, Schmitt input
37
RXD/PC.7
I/O
General purpose IO port, input bit by bit control with pull-up,
output pull-up close and also used as serial data receiving.
38
TXD/PC.6
I/O
General purpose IO port, input bit by bit control with pull-up,
output pull-up close and also used as serial data receiving.
39
PC.5
I/O
General purpose IO port, input bit by bit control with pull-up,
output pull-up close
40
PC.4
I/O
General purpose IO port, input bit by bit control with pull-up,
output pull-up close
41
PC.3
I/O
General purpose IO port, open-drain, input bit by bit control with
pull-up, output forced to pull-up
42
PC.2
I/O
General purpose IO port, open-drain, input bit by bit control with
pull-up, output forced to pull-up
43
PC.1
I/O
General purpose IO port, open-drain, input bit by bit control with
pull-up, output forced to pull-up
44
PC.0
I/O
General purpose IO port, open-drain, input bit by bit control with
pull-up, output forced to pull-up
45
MRST
I
MCU reset
46
MTEST
I
MCU test port, connect to ground when normal working
47
VPP
I
OTP high voltage download
48
PH.7
I/O
Common IO port without pull-up or pull-down
(To be continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com