Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2605IGNPBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2605IGNPBF
Description  Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2605IGNPBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2605IGNPBF Datasheet HTML 4Page - Linear Technology LTC2605IGNPBF Datasheet HTML 5Page - Linear Technology LTC2605IGNPBF Datasheet HTML 6Page - Linear Technology LTC2605IGNPBF Datasheet HTML 7Page - Linear Technology LTC2605IGNPBF Datasheet HTML 8Page - Linear Technology LTC2605IGNPBF Datasheet HTML 9Page - Linear Technology LTC2605IGNPBF Datasheet HTML 10Page - Linear Technology LTC2605IGNPBF Datasheet HTML 11Page - Linear Technology LTC2605IGNPBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
LTC2605/LTC2615/LTC2625
8
2605fa
TYPICAL PERFORMANCE CHARACTERISTICS
Gain Error vs VCC
Large-Signal Response
Zero-Scale Error vs Temperature
Gain Error vs Temperature
Offset Error vs VCC
LTC2605/LTC2615/LTC2625
ICC Shutdown vs VCC
TEMPERATURE (°C)
–50
–30
–10
10
30
50
70
90
2605 G18
3
2.5
2.0
1.5
1.0
0.5
0
TEMPERATURE (°C)
–50
–30
–10
10
30
50
70
90
2605 G19
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
VCC (V)
2.5
3
3.5
4
4.5
5
5.5
2605 G20
3
2
1
0
–1
–2
–3
VCC (V)
2.5
3
3.5
4
4.5
5
5.5
2605 G21
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
VCC (V)
2.5
3
3.5
4
4.5
5
5.5
2605 G22
450
400
350
300
250
200
150
100
50
0
2.5μs/DIV
VOUT
0.5V/DIV
2605 G23
VREF = VCC = 5V
1/4-SCALE TO 3/4-SCALE
Mid-Scale Glitch Impulse
Headroom at Rails
vs Output Current
Power-On Reset Glitch
VOUT
10mV/DIV
SCL
2V/DIV
2.5μs/DIV
2605 G24
TRANSITION FROM
MS-1 TO MS
TRANSITION FROM
MS TO MS-1
9TH CLOCK
OF 3RD DATA
BYTE
VOUT
10mV/DIV
250μs/DIV
2605 G25
VCC
1V/DIV
4mV PEAK
IOUT (mA)
0
1
2
3
4
5
6
7
8
910
2605 G26
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
5V SOURCING
3V SOURCING
3V SINKING
5V SINKING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com