Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1499CS Datasheet(PDF) 10 Page - Linear Technology

Part # LT1499CS
Description  Driving A-to-D Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1499CS Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1499CS Datasheet HTML 6Page - Linear Technology LT1499CS Datasheet HTML 7Page - Linear Technology LT1499CS Datasheet HTML 8Page - Linear Technology LT1499CS Datasheet HTML 9Page - Linear Technology LT1499CS Datasheet HTML 10Page - Linear Technology LT1499CS Datasheet HTML 11Page - Linear Technology LT1499CS Datasheet HTML 12Page - Linear Technology LT1499CS Datasheet HTML 13Page - Linear Technology LT1499CS Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LT1498/LT1499
14989fe
10
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current vs Supply Voltage
Supply Current vs Temperature
Input Bias Current
vs Common Mode Voltage
Input Bias Current vs Temperature
Output Saturation Voltage
vs Load Current (Output High)
Output Saturation Voltage
vs Load Current (Output Low)
VOS Distribution, VCM = 0V
(PNP Stage)
VOS Distribution VCM = 5V
(NPN Stage)
ΔVOS Shift for VCM = 0V to 5V
INPUT OFFSET VOLTAGE (μV)
–500
15
20
25
300
14989 G01
10
5
0
–300
–100
100
500
LT1498: N8, S8 PACKAGES
LT1499: S14 PACKAGE
VS = 5V, 0V
VCM = 0V
INPUT OFFSET VOLTAGE (μV)
–500
15
20
25
300
14989 G02
10
5
0
–300
–100
100
500
LT1498: N8, S8 PACKAGES
LT1499: S14 PACKAGE
VS = 5V, 0V
VCM = 5V
INPUT OFFSET VOLTAGE (μV)
–500
15
20
25
300
14989 G03
10
5
0
–300
–100
100
500
LT1498: N8, S8 PACKAGES
LT1499: S14 PACKAGE
VS = 5V, 0V
VCM = 0V TO 5V
TOTAL SUPPLY VOLTAGE (V)
0
1.0
1.5
32
14989 G04
0.5
0
8
16
24
436
12
20
28
2.0
TA = 125°C
TA = 25°C
TA = –55°C
TEMPERATURE (°C)
–50
25
14989 G05
1.0
0.5
–25
0
50
0
2.0
1.5
75
100
125
VS = 15V
VS = 5V, 0V
COMMON MODE VOLTAGE (V)
–2
0
200
23456
14989 G06
–200
–400
–1
0
1
400
–100
100
–300
300
VS = 5V, 0V
TA = 125°C
TA = 25°C
TA = –55°C
TEMPERATURE (°C)
–50
400
300
200
100
0
–100
–200
–300
–400
70
14989 G07
–20
10
40
–35
85
–5
25
55
100
VS = 5V, 0V
VCM = 5V
VS = 5V, 0V
VCM = 0V
VS = 15V
VCM = 15V
VS = 15V
VCM = –15V
NPN ACTIVE
PNP ACTIVE
LOAD CURRENT (mA)
10
100
0.001
0.1
1
10
14989 G08
1
0.01
1000
TA = –55°C
TA = 25°C
TA = 125°C
LOAD CURRENT (mA)
10
100
0.001
0.1
1
10
14989 G09
1
0.01
1000
TA = –55°C
TA = 25°C
TA = 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com