Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS6501 Datasheet(PDF) 7 Page - Micro Analog systems

Part # MAS6501
Description  16-Bit Analog-to-Digital Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6501 Datasheet(HTML) 7 Page - Micro Analog systems

Back Button MAS6501 Datasheet HTML 3Page - Micro Analog systems MAS6501 Datasheet HTML 4Page - Micro Analog systems MAS6501 Datasheet HTML 5Page - Micro Analog systems MAS6501 Datasheet HTML 6Page - Micro Analog systems MAS6501 Datasheet HTML 7Page - Micro Analog systems MAS6501 Datasheet HTML 8Page - Micro Analog systems MAS6501 Datasheet HTML 9Page - Micro Analog systems MAS6501 Datasheet HTML 10Page - Micro Analog systems MAS6501 Datasheet HTML 11Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
DA6501.001
27 October 2008
7 (16)
I
2C SERIAL INTERFACE CONTROL...
I2C Bus Protocol Definitions
Two wire I2C bus protocol has special bus signal
conditions. Figure 2 shows start (S), stop (P) and
binary data conditions. At start condition the SCL is
high and SDA has falling edge. At stop condition the
SCL is also high but SDA has rising edge. Data
must be held stable in SDA pin when SCL is high.
Data can change value at SDA pin only when SCL is
low.
SDA
SCL
S
P
1
0
Figure 2. I2C protocol definitions
I2C
contains
also
acknowledge
(A)
and
not
acknowledge (N) commands. At acknowledge the
master device sends 0 bit to SDA bus (pulls down
SDA) for one SCL clock cycle. At not acknowledge
(N) the slave device sends 0 bit to SDA (pulls down
SDA) for one SCL clock cycle.
Abbreviations:
A= Acknowledge by Slave
N = Not Acknowledge by Master
S = Start
P = Stop
Conversion Starting – Write Sequence
Conversion is started by first writing measurement
configuration bits into the control register. Write
sequence is illustrated in Table 4.
To start conversion the control register SCO bit has
to be set high (SCO=1, see control register bit
description in table 1).
Table 4. MAS6501 I2C bus write sequence bits
S
AW
A
AC
A
DC
A
P
Abbreviations:
AW = Device Write Address (%1110 1110)
AR = Device Read Address (%1110 1111)
AC = Control Register Address (%1111 1111)
Ax = MSB (x=M, %1111 1101) or LSB (x=L, %1111
1110) ADC Result Register Address
DC = Control Register Data
Dx = MSB (x=M) or LSB (x=L) A/D Result Register
Data
Each I2C bus operation like write starts with start
command (see figure 2). After start the MAS6501
device address with write bit (AW, see table 2) is
sent and ended to acknowledge (A). After this
control register address (AC, see table 3) is sent
and ended to acknowledge (A). Next control register
data (DC, see table 1) is written and ended to
acknowledge (A). Finally the I2C bus operation is
ended with stop command (see figure 2).
A/D Conversion
A/D conversion is progressed by running MCLK
signal
until
EOC
goes
high
indicating
that
conversion is done and data is ready for reading.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com