Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F8366 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 56F8366
Description  16-bit Digital Signal Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8366 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 56F8366_09 Datasheet HTML 2Page - Freescale Semiconductor, Inc 56F8366_09 Datasheet HTML 3Page - Freescale Semiconductor, Inc 56F8366_09 Datasheet HTML 4Page - Freescale Semiconductor, Inc 56F8366_09 Datasheet HTML 5Page - Freescale Semiconductor, Inc 56F8366_09 Datasheet HTML 6Page - Freescale Semiconductor, Inc 56F8366_09 Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F8366_09 Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F8366_09 Datasheet HTML 9Page - Freescale Semiconductor, Inc 56F8366_09 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 182 page
background image
56F8366 Technical Data, Rev. 7
6
Freescale Semiconductor
Preliminary
1.1.3
Memory
Note: Features in italics are NOT available in the 56F8166 device.
•
Harvard architecture permits as many as three simultaneous accesses to program and data memory
•
Flash security protection feature
•
On-chip memory, including a low-cost, high-volume Flash solution
— 512KB of Program Flash
— 4KB of Program RAM
— 32KB of Data Flash
— 32KB of Data RAM
— 32KB of Boot Flash
•
Off-chip memory expansion capabilities programmable for 0 - 30 wait states
— Access up to 1MB of program memory or 1MB of data memory
— Chip select logic for glueless interface to ROM and SRAM
•
EEPROM emulation capability
1.1.4
Peripheral Circuits for 56F8366
Note: Features in italics are NOT available in the 56F8166 device.
•
Pulse Width Modulator:
— In the 56F8366, two Pulse Width Modulator modules, each with six PWM outputs, three Current Sense
inputs, and three Fault inputs; fault-tolerant design with dead time insertion; supports both
center-aligned and edge-aligned modes
— In the 56F8166, one Pulse Width Modulator module with six PWM outputs, three Current Sense inputs,
and three Fault inputs; fault-tolerant design with dead time insertion; supports both center-aligned and
edge-aligned modes
•
Four 12-bit, Analog-to-Digital Converters (ADCs), which support four simultaneous conversions with
quad, 4-pin multiplexed inputs; ADC and PWM modules can be synchronized through Timer C, channels
2 and 3
•
Quadrature Decoder:
— In the 56F8366, two four-input Quadrature Decoders or two additional Quad Timers
— In the 56F8166, one four-input Quadrature Decoder, which works in conjunction with Quad Timer A
•
Temperature Sensor diode can be connected, on the board, to any of the ADC inputs to monitor the on-chip
temperature
•Quad Timer:
— In the 56F8366, four dedicated general-purpose Quad Timers totaling three dedicated pins: Timer C
with one pin and Timer D with two pins
— In the 56F8166, two Quad Timers; Timer A and Timer C both work in conjunction with GPIO
•
Optional On-Chip Regulator
•
Up to two FlexCAN (CAN Version 2.0 B-compliant ) modules with 2-pin port for transmit and receive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com