Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F8367 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # 56F8367
Description  16-bit Digital Signal Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8367 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button 56F8367_09 Datasheet HTML 12Page - Freescale Semiconductor, Inc 56F8367_09 Datasheet HTML 13Page - Freescale Semiconductor, Inc 56F8367_09 Datasheet HTML 14Page - Freescale Semiconductor, Inc 56F8367_09 Datasheet HTML 15Page - Freescale Semiconductor, Inc 56F8367_09 Datasheet HTML 16Page - Freescale Semiconductor, Inc 56F8367_09 Datasheet HTML 17Page - Freescale Semiconductor, Inc 56F8367_09 Datasheet HTML 18Page - Freescale Semiconductor, Inc 56F8367_09 Datasheet HTML 19Page - Freescale Semiconductor, Inc 56F8367_09 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 182 page
background image
56F8367 Technical Data, Rev. 9
16
Freescale Semiconductor
Preliminary
Figure 2-1 56F8367 Signals Identified by Functional Group1 (160-pin LQFP)
1. Alternate pin functionality is shown in parenthesis; pin direction/type shown is the default functionality.
VDD_IO
VDDA_OSC_PLL
VDDA_ADC
VSS
VSSA_ADC
Other
Supply
Ports
External
Address
Bus
or GPIO
External
Data Bus
SCI 0 or
GPIO
SCI 1 or
GPIOD
1
1
7
1
6
VPP1 & VPP2
2
Power
Ground
Power
Ground
A8 - A15 (GPIOA0 - 7)
TXD0 (GPIOE0)
RXD0 (GPIOE1)
TXD1 (GPIOD6)
RXD1 (GPIOD7)
TCK
TMS
TDI
TDO
TRST
Quadrature
Decoder 0
or Quad
Timer A
PHASEA0 (TA0, GPIOC4)
PHASEB0 (TA1, GPIOC5)
INDEX0 (TA2, GPIOC6)
HOME0 (TA3, GPIOC7)
PHASEB1 (TB1, MOSI1, GPIOC1)
INDEX1 (TB2, MISO1, GPIOC2)
HOME1 (TB3, SS1, GPIOC3)
PWMA0 - 5
ISA0 - 2 (GPIOC8 - 10)
FAULTA0 - 3
ISB0 - 2 (GPIOD10 - 12)
FAULTB0 - 3
PWMB0 - 5
ANA0 - 7
ANB0 - 7
VREF
CAN_RX
CAN_TX
TC0 - 1 (GPIOE8 - 9)
TD0 - 3 (GPIOE10 - 13)
IRQA
IRQB
RESET
RSTO
SPI0 or
GPIO
PWMA
Quadrature
Decoder 1 or
Quad Timer B
or SPI 1 or
GPIO
PWMB
ADCB
ADCA
FlexCAN
Quad Timer
C and D or
GPIO
INTERRUPT/
PROGRAM
CONTROL
PHASEA1(TB0, SCLK1, GPIOC0)
8
8
GPIOB0 - 7 (A16 - 23)
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
6
3
4
6
3
4
8
5
8
1
1
1
2
4
1
1
1
1
1
56F8367
Temp_Sense
*VCAP1 - VCAP4
4
A0 - A5 (GPIOA8 - 13)
6
A6 - A7 (GPIOE2 - 3)
2
RD
1
WR
1
PS/CS0 (GPIODF8)
1
DS/CS1 (GPIOFD9)
1
GPIOD0 (CS2, CAN2_TX)
1
JTAG/
EOnCE
Port
External
Bus
Control
D7 - D15 (GPIOF0 - 8)
9
D0 - D6 (GPIOF9 - 15)
7
EXTBOOT
MOSI0 (GPIOE5)
MISO0 (GPIOE6)
SS0 (GPIOE7)
1
1
1
SCLK0
1
1
EMI_MODE
Power
OCR_DIS
1
1
GPIOD2 - 5 (CS4 - 7)
4
GPIOD1 (CS3, CAN2_RX)
Temperature
Sense
1
GPIOB4 (A20, prescaler_clock)
1
GPIOB5 (A21, SYS_CLK)
1
GPIOB6 (A22, SYS_CLK2)
1
GPIOB7 (A23, oscillator_clock)
PLL
and
Clock
EXTAL
XTAL
CLKO
1
1
1
CLKMODE
1
* When the on-chip regulator is disabled, these four pins become 2.5V VDD_CORE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com