Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F8366 Datasheet(PDF) 156 Page - Freescale Semiconductor, Inc

Part # 56F8366
Description  16-bit Digital Signal Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8366 Datasheet(HTML) 156 Page - Freescale Semiconductor, Inc

Back Button 56F8366 Datasheet HTML 152Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 153Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 154Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 155Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 156Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 157Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 158Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 159Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 160Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 182 page
background image
56F8366 Technical Data, Rev. 7
156
Freescale Semiconductor
Preliminary
10.9 Reset, Stop, Wait, Mode Select, and Interrupt Timing
Valid Data Out Set Up Time to WR
Deasserted
tDOS
-0.563
0.25 + DCAOE
WWS,WWSS
ns
-8.315
0.50
Valid Address after WR
Deasserted
tWAC
-3.432
0.25 + DCAEO
WWSH
ns
RD Deasserted to Address Invalid
tRDA
-1.780
0.00
RWSH
ns
Address Valid to RD Deasserted
tARDD
-2.120
1.00
RWSS,RWS
ns
Valid Input Data Hold after RD
Deasserted
tDRD
0.00
N/A1
—
ns
RD Assertion Width
tRD
0.279
1.00
RWS
ns
Address Valid to Input Data Valid
tAD
-15.723
1.00
RWSS,RWS
ns
-20.642 1.25 + DCAOE
Address Valid to RD Asserted
tARDA
-2.603
0.00
RWSS
ns
RD Asserted to Input Data Valid
tRDD
-13.120
1.00
RWSS,RWS
ns
-18.039 1.25 + DCAOE
WR Deasserted to RD Asserted
tWRRD
-2.135
0.25 + DCAEO WWSH,RWSS
ns
RD Deasserted to RD Asserted
tRDRD
-0.4832
0.00
RWSS,RWSH
MDAR3, 4
ns
WR Deasserted to WR Asserted
tWRWR
WWS=0
-1.608
0.75 + DCAEO
WWSS, WWSH
ns
WWS>0
-0.918
1.00
RD Deasserted to WR Asserted
tRDWR
WWS=0
-0.096
0.50
RWSH, WWSS,
MDAR3
ns
WWS>0
0.084
0.75 + DCAOE
1. N/A, since device captures data before it deasserts RD
2. If RWSS = RWSH = 0, and the chip select does not change, then RD does not deassert during back-to-back reads.
3. Substitute BMDAR for MDAR if there is no chip select
4. MDAR is active in this calculation only when the chip select changes.
Table 10-17 Reset, Stop, Wait, Mode Select, and Interrupt Timing1,2
Characteristic
Symbol
Typical
Min
Typical
Max
Unit
See Figure
RESET Assertion to Address, Data and Control
Signals High Impedance
tRAZ
—21
ns
10-6
Minimum RESET Assertion Duration
tRA
16T
—
ns
10-6
Table 10-16 External Memory Interface Timing (Continued)
Characteristic
Symbol
Wait States
Configuration
DM
Wait States
Controls
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com