Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F8366 Datasheet(PDF) 157 Page - Freescale Semiconductor, Inc

Part # 56F8366
Description  16-bit Digital Signal Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8366 Datasheet(HTML) 157 Page - Freescale Semiconductor, Inc

Back Button 56F8366 Datasheet HTML 153Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 154Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 155Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 156Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 157Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 158Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 159Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 160Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 161Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 182 page
background image
Reset, Stop, Wait, Mode Select, and Interrupt Timing
56F8366 Technical Data, Rev. 7
Freescale Semiconductor
157
Preliminary
Figure 10-6 Asynchronous Reset Timing
Figure 10-7 External Interrupt Timing (Negative Edge-Sensitive)
RESET Deassertion to First External Address Output3
tRDA
63T
64T
ns
10-6
Edge-sensitive Interrupt Request Width
tIRW
1.5T
—
ns
10-7
IRQA, IRQB Assertion to External Data Memory
Access Out Valid, caused by first instruction execution
in the interrupt service routine
tIDM
18T
—
ns
10-8
tIDM - FAST
14T
—
IRQA, IRQB Assertion to General Purpose Output
Valid, caused by first instruction execution in the
interrupt service routine
tIG
18T
—
ns
10-8
tIG - FAST
14T
—
Delay from IRQA Assertion (exiting Wait) to External
Data Memory Access4
tIRI
22T
—
ns
10-9
tIRI -FAST
18T
—
Delay from IRQA Assertion to External Data Memory
Access (exiting Stop)
tIF
22T
—
ns
10-10
tIF - FAST
18T
—
IRQA Width Assertion to Recover from Stop State5
tIW
1.5T
—
ns
10-10
1. In the formulas, T = clock cycle. For an operating frequency of 60MHz, T = 16.67ns. At 8MHz (used during Reset and Stop
modes), T = 125ns.
2. Parameters listed are guaranteed by design.
3. During Power-On Reset, it is possible to use the device’s internal reset stretching circuitry to extend this period to 221T.
4. The minimum is specified for the duration of an edge-sensitive IRQA interrupt required to recover from the Stop state. This
is not the minimum required so that the IRQA interrupt is accepted.
5. The interrupt instruction fetch is visible on the pins only in Mode 3.
Table 10-17 Reset, Stop, Wait, Mode Select, and Interrupt Timing1,2 (Continued)
Characteristic
Symbol
Typical
Min
Typical
Max
Unit
See Figure
First Fetch
tRA
tRAZ
tRDA
A0–A15,
D0–D15
RESET
IRQA,
IRQB
tIRW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com