Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTJS Datasheet(PDF) 1 Page - MMD Components

Part # MTJS
Description  11.7 x 9.6 SMD Package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MTJS Datasheet(HTML) 1 Page - MMD Components

  MTJS Datasheet HTML 1Page - MMD Components MTJS Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications subject to change without notice
Revision MTJH020907K
MTJH, MTJS, and MTJZ Series
11.7 x 9.6 SMD Package
RoHS Compliant Available
Voltage Control Option
Wide Frequency Range
ELECTRICAL SPECIFICATIONS:
Output
HCMOS
Clipped Sinewave
Sinewave
Frequency Range
9.600MHZ to 50.000MHZ
Load
10k Ohms // 15pF
10k Ohms // 15pF
50 Ohms
Supply Current
35mA max
3mA max
25mA max
Output Level
Logic “1” = 90% of Vdd min
Logic “0” = 10% of Vdd max
1.0V p-p min
7 dBm
Symmetry
See Part Numbering Guide
N/A
N/A
Freq. Stability vs Temp (Note 1)
(See Frequency Stability vs Temperature Table)
Freq. Stability vs Aging
±1 ppm per year max
Freq. Stability vs Voltage
±0.3 ppm with a 5% change in Vdd
Freq. Stability vs Load
±0.3 ppm with a 10% change in Load
Operating Range
(See Frequency Stability vs Temperature Table)
Storage Temperature
-40°C to +85°C
Supply Voltage (Vdd)
+3.3VDC ±5%
+5.0VDC ±5%
Control Voltage with VC option
+1.65VDC ±1.50VDC Positive Slope
+2.50VDC ±2.00VDC Positive Slope
Pin 1 Connection
No Connection
No Connection
VC Option
±10 ppm min
Note 1: Oscillator frequency shall be ±1 ppm at +25°C ±3°C at time of shipment.
PART NUMBER GUIDE:
Frequency
MT
9.6 x 11.7 SMD
Please Consult with MMD Sales Department for any other Parameters or Options
Supply Voltage
5 = +5 VDC
3 = +3.3 VDC
2 = +2.5 VDC
Frequency
Stability
10 = ±1.0 ppm
15 = ±1.5 ppm
20 = ±2.0 ppm
25 = ±2.5 ppm
30 = ±3.0 ppm
50 = ±5.0 ppm
Output
H = HCMOS
S = Clipped Sinewave
Z = Sinewave
Operating
Temperature
A = 0°C to +50°C
C = -20°C to +70°C
D = -30°C to +70°C
E = -30°C to +80°C
F = -40°C to +85°C
G = 0°C to +70°C
Pin 1 Connection
Blank = No Connect
V = Voltage Control
Packaging
Blank = Bulk
T = Tape and Reel
Height Option
A = 3.00 [.118] max
B = 5.00 [.197] max
Symmetry
Blank = 40/60%
A = 45/55%
RoHS Compliant
Blank = Not Compliant
F = is Compliant
Series Option
J = J series (w/o trimmer)
J
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com


Similar Part No. - MTJS

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MTJ-1006WAX1-TR ADAM-TECH-MTJ-1006WAX1-TR Datasheet
73Kb / 1P
MODULAR TELEPHONE JACK
MTJ-10089X1 ADAM-TECH-MTJ-10089X1 Datasheet
94Kb / 1P
MODULAR TELEPHONE JACK
MTJ-1008WX1-FSD-PG ADAM-TECH-MTJ-1008WX1-FSD-PG Datasheet
88Kb / 1P
MODULAR TELEPHONE JACK
MTJ-1008WX1-FSE ADAM-TECH-MTJ-1008WX1-FSE Datasheet
152Kb / 1P
MODULAR TELEPHONE JACK
MTJ-10100X1-S ADAM-TECH-MTJ-10100X1-S Datasheet
113Kb / 1P
MODULAR TELEPHONE JACK
More results

Similar Description - MTJS

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
GDF62 EUROQUARTZ-GDF62 Datasheet
103Kb / 1P
11.4 x 9.6 x 2.5mm SMD VCXO
GPA64 EUROQUARTZ-GPA64 Datasheet
103Kb / 1P
11.4 x 9.6 x 4.7mm SMD VCXO
logo
MMD Components
MTCH MMD-MTCH Datasheet
437Kb / 2P
11.7 x 9.6 SMD Package
logo
EUROQUARTZ limited
EQHM44R EUROQUARTZ-EQHM44R Datasheet
259Kb / 2P
11.4 x 9.6 x 4.7mm SMD
GDA62 EUROQUARTZ-GDA62 Datasheet
161Kb / 1P
11.4 x 9.6 x 2.5mm SMD
GDA64 EUROQUARTZ-GDA64 Datasheet
161Kb / 1P
11.4 x 9.6 x 4.7mm SMD
logo
MMD Components
MTCH5 MMD-MTCH5 Datasheet
145Kb / 2P
11.7 X 9.6 SMD Package
logo
EUROQUARTZ limited
HSR42 EUROQUARTZ-HSR42 Datasheet
162Kb / 1P
11.4 x 9.6 x 2.5mm SMD
HSR43 EUROQUARTZ-HSR43 Datasheet
157Kb / 1P
11.4 x 9.6 x 3.0mm SMD
logo
Transko Electronics, In...
TX-F6 TRANSKO-TX-F6 Datasheet
495Kb / 2P
TCXO/VCTCXO 6PAD SMD PACKAGE (11.4 x 9.6 mm)
Rev. 2: Jul. 2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com