Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA600F Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # ADA600F
Description  Hight power & peak power, Parallel / master-slave / N1 redundant (optional), Current monitor, up to 5 years warranty
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

ADA600F Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  ADA600F Datasheet HTML 1Page - RSG Electronic Components GmbH ADA600F Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
6
7
14 13
12
10
8
4
11
9
5
3
2
1
Mounting hole
PF Alarm ground(-W)
:
PF-
PF Alarm(-W)
:
PF+
N.C.
:
NC
LV Alarm ground(-W)
:
LV-
:
LV+
LV Alarm(-W)
Remote ON/OFF-(-R)
:
NC
N.C.
CN3(Option)
Terminal
Mfr.
J.S.T
Mating connector
Connector
Loose:BPHD-001T-P0.5
Chain:SPHD-002T-P0.5
PHDR-14VS
S14B-PHDSS
CN3
CN3(Option)
8-M4
Mounting hole
(Both sides)
Average 21A max per pin for TB1
Screw type
M4
M3
¶ Chassis and cover material : aluminium
M4 : 1.6N
• m(16.9kgf • cm) max , M3 : 0.8N • m(8.5kgf • cm) max
¶ Weight : 1.5kg max
¶ PCB material / thickness : FR-4 / 1.6mm
¶ Dimensions in mm
¶ Mounting torque : 1.2N • m(12.8kgf • cm) max
¶ Screw tighting torque
¶ I/0 terminal for option-J and -T is shown in Instruction Manual 5.
¶ Tolerance :
±1
Symbol
Function
VB
Voltage balance
CB
Current balance
+V
+V
-V
-V
FG
N
L
Output terminal(+)
Output terminal(+)
Output terminal(-)
Output terminal(-)
Frame ground
AC(N)
AC(L)
¶ Pin assign
4-M4
Mounting hole
(Bottom)
2-M4
Mounting hole
Terminal cover
L
N
FG
-V
-V
+V
+V
CB
VB
TB1
Voltage adjust
LED
Name plate
2-M4
Pin No.
Function
1
2
3-8
9
10
11-12
13
14
:
RC+
Remote ON/OFF+(-R)
:
RC-
48
195
65
26.5
29±0.5
(19)
13
(22.6)
16.2
18
130.5 ±0.5
29
48
18.1
130.5 ±0.5
BPHD-002T-P0.5
*1 Ratchet Hand is nothing
*1
M3.5
FG hole
ADA
A-121
ADA600F
Block diagram
250V12A
FG
PF alarm
(-W)
filter
Alarm
circuit
Rectifier
&
Smooth
Inrush
current
limitting
Control
Control
protection
Over voltage
output voltage
Detecting
circuit
Master-Slave
DC OUT
Noise
current
Detecting
Rectifier
&
Smooth
Inverter
AC IN 85 - 264V
Fuse
Rectifier
Booster inductor
Inverter
Control
Detecting
current
N+1
Redundancy
RC
External source
Option
Option
Option
(-R)
Current Balance (CB)
Voltage Balance (VB)
LV alarm (-W)
(-W)
External view
Distribution:
RSG Electronic Components GmbH ■ Sprendlinger Landstr. 115 ■ D-63069 Offenbach/Germany
Tel. +49 69 984047-0 ■ Fax +49 69 984047-77 ■ info@rsg-electronic.de ■ www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com