Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBA30F Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # PBA30F
Description  Unit type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

PBA30F Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  PBA30F Datasheet HTML 1Page - RSG Electronic Components GmbH PBA30F Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL
PBA30F-3R3
PBA30F-5
PBA30F-9
PBA30F-12
PBA30F-15
PBA30F-24
PBA30F-48
MAX OUTPUT WATTAGE[W]
19.8
30
30.6
30
30
31.2
31.2
DC OUTPUT
3.3V 6A
5V 6A
9V 3.4A
12V 2.5A
15V 2A
24V 1.3A
48V 0.65A
SPECIFICATIONS
MODEL
PBA30F-3R3
PBA30F-5
PBA30F-9
PBA30F-12
PBA30F-15
PBA30F-24
PBA30F-48
INPUT
VOLTAGE[V]
AC85 - 264 1
f or DC110 - 370 (AC50 or DC70 Please refer to the instruction manual 2.1 Input voltage *3)
CURRENT[A]
ACIN 100V 0.50typ (Io=100%) 0.70typ (Io=100%)
ACIN 200V 0.30typ (Io=100%) 0.40typ (Io=100%)
FREQUENCY[Hz]
50/60 (47 - 440) or DC
EFFICIENCY[%]
ACIN 100V 68typ
74typ
75typ
76typ
78typ
78typ
79typ
ACIN 200V 69typ
77typ
77typ
78typ
81typ
81typ
81typ
INRUSH CURRENT[A]
ACIN 100V 15typ (Io=100%)(At cold start)
ACIN 200V 30typ (Io=100%)(At cold start)
LEAKAGE CURRENT[mA]
0.30/0.65max (ACIN 100V/240V 60Hz, Io=100%, According to IEC60950-1,DENAN)
OUTPUT
VOLTAGE[V]
3.3
5
9
12152448
CURRENT[A]
6
6
3.4
2.5
2
1.3
0.65
LINE REGULATION[mV]
20max
20max
36max
48max
60max
96max
192max
LOAD REGULATION[mV]
40max
40max
100max
100max
120max
150max
240max
RIPPLE[mVp-p]
0to+50
C*1 80max
80max
120max
120max
120max
120max
150max
-10 - 0
C*1 140max
140max
160max
160max
160max
160max
200max
RIPPLE NOISE[mVp-p]
0to+50
C*1 120max
120max
150max
150max
150max
150max
250max
-10 - 0
C*1 160max
160max
180max
180max
180max
180max
300max
TEMPERATURE REGULATION[mV]
0to+50
C 50max
50max
90max
120max
150max
240max
480max
-10to+50
C 60max
60max
120max
150max
180max
290max
600max
DRIFT[mV]
*2 20max
20max
36max
48max
60max
96max
192max
START-UP TIME[ms]
200typ(ACIN 100V, Io=100%)
*Start-up time is 700ms typ for less than 1minute of applying input again from turning off the input voltage.
HOLD-UP TIME[ms]
20typ (ACIN 100V, Io=100%)
OUTPUT VOLTAGE ADJUSTMENT RANGE[V] 2.85 - 3.60
4.50 - 5.50
7.50 - 10.0
10.0 - 13.2
13.2 - 18.0
19.2 - 27.0
39.0 - 53.0
OUTPUT VOLTAGE SETTING[V]
3.30 - 3.40
5.00 - 5.15
9.00 - 9.36
12.00 - 12.48
15.00 - 15.60
24.00 - 24.96
48.00 - 49.92
PROTECTION
CIRCUIT AND
OTHERS
OVERCURRENT PROTECTION Works over 105% of rated current and recovers automatically
OVERVOLTAGE PROTECTION[V]
4.00 - 5.25
5.75 - 7.00
11.5 - 14.0
15.0 - 18.0
20.0 - 25.0
30.0 - 37.0
58.0 - 65.0
OPERATING INDICATION
LED (Green)
REMOTE ON/OFF
None
ISOLATION
INPUT-OUTPUT
AC3,000V 1minute, Cutoff current = 10mA, DC500V 50M
Wmin (At Room Temperature)
INPUT-FG
AC2,000V 1minute, Cutoff current = 10mA, DC500V 50M
Wmin (At Room Temperature)
OUTPUT-FG
AC500V 1minute, Cutoff current = 25mA, DC500V 50M
Wmin (At Room Temperature)
ENVIRONMENT
OPERATING TEMP.,HUMID.AND ALTITUDE -10 to +71
C (Required Derating), 20 - 90%RH (Non condensing) 3,000m (10,000feet) max
STORAGE TEMP.,HUMID.AND ALTITUDE -20 to +75
C, 20 - 90%RH (Non condensing) 3,000m (10,000feet) max
VIBRATION
10 - 55Hz, 19.6m/s2 (2G), 3minutes period, 60minutes each along X, Y and Z axis
IMPACT
196.1m/s2 (20G), 11ms, once each X, Y and Z axis
SAFETY AND
NOISE
REGULATIONS
AGENCY APPROVALS (At only AC input) UL60950-1, C-UL(CSA60950-1), EN60950-1, EN50178 Complies with DEN-AN
CONDUCTED NOISE
Complies with FCC Part15 classB, VCCI-B, CISPR22-B, EN55011-B, EN55022-B
CE MARKING
Low Voltage Directive, EMC Directive
HARMONIC ATTENUATOR
Complies with IEC61000-3-2 (Not built-in to active filter
*4)
OTHERS
CASE SIZE/WEIGHT
31
X78X103mm (without terminal block)(WXHXD) / 270g max (without cover)
COOLING METHOD
Convection
*1 Measured by 20MHz oscilloscope or Ripple-Noise meter(equivalent to KEISOKU-GIKEN
:RM101).
*2 Drift is the change in DC output for an eight hour period after a half-hour warm-up at 25C.
*3 Derating is required.
*4 When two or more units are used,they may not comply with the harmonic attenuator. Please
contact us for details.
* Parallel operation with other model is not possible.
* Derating is required when operated with cover.
* A sound may occur from power supply at peak loading.
PBA30F
Unit type
PB
A
30
F
-
O
-
O
Ordering information
1Series name
2Single output
3Output wattage
4Universal input
5Output voltage
6Optional
C :with Coating
G :Low leakage current
E :Low leakage current
and EMI class A
T :Vertical terminal block
J :Connector type
N :with Cover
(UL508 is pending for approval)
N1 :with DIN rail
V :Output voltage setting
potentiometer external-
ly
R
123456
PB
A-8
Recommended Noise Filter
NAC-06-472
High voltage pulse noise type : NAP series
Low leakage current type : NAM series
*The Noise Filter is recommended
*to connect with several devices.
Cover is optional


Similar Part No. - PBA30F

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
PBA30F-12 RSG-PBA30F-12 Datasheet
949Kb / 14P
AC-DC Power Supplies Enclosed type
PBA30F-15 RSG-PBA30F-15 Datasheet
949Kb / 14P
AC-DC Power Supplies Enclosed type
PBA30F-24 RSG-PBA30F-24 Datasheet
949Kb / 14P
AC-DC Power Supplies Enclosed type
logo
List of Unclassifed Man...
PBA30F-24-N ETC2-PBA30F-24-N Datasheet
903Kb / 14P
AC-DC Power Supplies Enclosed type
logo
RSG Electronic Componen...
PBA30F-3R3 RSG-PBA30F-3R3 Datasheet
949Kb / 14P
AC-DC Power Supplies Enclosed type
More results

Similar Description - PBA30F

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
PAA50F RSG-PAA50F Datasheet
104Kb / 2P
Unit type
PAA75F RSG-PAA75F Datasheet
105Kb / 2P
Unit type
PAA100F RSG-PAA100F Datasheet
98Kb / 2P
Unit type
PAA150F RSG-PAA150F Datasheet
100Kb / 2P
Unit type
PAA300F RSG-PAA300F Datasheet
105Kb / 2P
Unit type
PBA10F RSG-PBA10F Datasheet
142Kb / 2P
Unit type
PBA15F RSG-PBA15F Datasheet
135Kb / 2P
Unit type
PBA75F RSG-PBA75F Datasheet
138Kb / 2P
Unit type
PBA100F RSG-PBA100F Datasheet
155Kb / 2P
Unit type
PBA1000F RSG-PBA1000F Datasheet
160Kb / 2P
Unit type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com