Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBA1000F Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # PBA1000F
Description  Unit type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

PBA1000F Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  PBA1000F Datasheet HTML 1Page - RSG Electronic Components GmbH PBA1000F Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL
PBA1000F-3R3 PBA1000F-5
PBA1000F-7R5 PBA1000F-12
PBA1000F-15
PBA1000F-24
PBA1000F-36
PBA1000F-48
MAX OUTPUT WATTAGE[W]
660
1000
1005
1056
1050
1056
1044
1056
DC OUTPUT
ACIN 100V 3.3V 200A
5V 200A
7.5V 134A
12V 88A
15V 70A
24V 44A
36V 29A
48V 22A
ACIN 200V
*3 3.3V 200A
5V 200A
7.5V 134A
12V 88A
15V 70A
24V 44(51)A
36V 29A
48V 22A
SPECIFICATIONS
MODEL
PBA1000F-3R3 PBA1000F-5
PBA1000F-7R5 PBA1000F-12
PBA1000F-15
PBA1000F-24
PBA1000F-36
PBA1000F-48
INPUT
VOLTAGE[V]
AC85 - 264 1
f or DC120 - 350 (AC50 or DC70 Please refer to the instruction manual 7. option *5)
CURRENT[A]
ACIN 100V 9typ
13typ
ACIN 200V 5typ
7typ
FREQUENCY[Hz]
50/60 (47-63)
EFFICIENCY[%]
ACIN 100V 74typ
79typ
80typ
82typ
82typ
84typ
84typ
84typ
ACIN 200V 76typ
81typ
83typ
84typ
84typ
86typ
86typ
86typ
POWER FACTOR
ACIN 100V 0.98typ (Io=100%)
ACIN 200V 0.95typ (Io=100%)
INRUSH CURRENT[A]
ACIN 100V 20/40typ (Io=100%)(Primary inrush current /Secondary inrush current)(More then 10 sec. to re-start)
ACIN 200V 40/40typ (Io=100%)(Primary inrush current /Secondary inrush current)(More then 10 sec. to re-start)
LEAKAGE CURRENT[mA]
0.5/1.0max (ACIN 100V/240V 60Hz, Io=100%, According to IEC60950-1, DENAN)
OUTPUT
VOLTAGE[V]
3.3
5
7.5
12
15
24
36
48
CURRENT[A]
ACIN 100V 200
200
134
88
70
44
29
22
ACIN 200V
*3 200
200
134
88
70
44(51)
29
22
LINE REGULATION[mV]
20max
20max
36max
48max
60max
96max
144max
192max
LOAD REGULATION[mV]
40max
40max
60max
100max
120max
150max
150max
300max
RIPPLE[mVp-p]
0to+50
C*1 80max
80max
120max
120max
120max
120max
150max
150max
-20-0
C*1 140max
140max
160max
160max
160max
160max
160max
400max
RIPPLE NOISE[mVp-p]
0to+50
C*1 120max
120max
150max
150max
150max
150max
200max
200max
-20-0
C*1 160max
160max
180max
180max
180max
180max
240max
500max
TEMPERATURE REGULATION[mV]
0to+50
C*1 40max
50max
75max
120max
150max
240max
360max
480max
-20to+50
C*1 60max
75max
120max
180max
180max
290max
440max
600max
DRIFT[mV]
*2 12max
20max
30max
48max
60max
96max
144max
192max
START-UP TIME[ms]
400typ(ACIN 100/200V, Io=100%)
*Start-up time is 500ms typ for less than 1minute of applying input again from turning off the input voltage.
HOLD-UP TIME[ms]
20typ (ACIN 100/200V, Io=100%)
OUTPUT VOLTAGE ADJUSTMENT RANGE[V]
2.64 - 3.96
3.96 - 6.00
5.25 - 8.25
8.25 - 13.20
10.50 - 16.50
16.50 - 26.40
25.20 - 39.60
38.40 - 56.00
OUTPUT VOLTAGE SETTING[V]
3.30 - 3.40
5.00 - 5.15
7.50 - 7.80
12.00 - 12.48
15.00 - 15.60
24.00 - 24.96
36.00 - 37.44
48.00 - 49.92
PROTECTION
CIRCUIT AND
OTHERS
OVERCURRENT PROTECTION
Works over 105% of rated current or 101% of peak current and recovers automatically
OVERVOLTAGE PROTECTION[V]
*4 Vo+0.66 - 1.32 Vo+1.0 - 2.0
Vo+1.5 - 3.0
Vo+2.4 - 4.8
Vo+3.0 - 6.0
Vo+4.8 - 9.6
Vo+7.2 - 14.4
Vo+4.8 - 12.0
OPERATING INDICATION
LED (Green)
REMOTE SENSING
Provided
REMOTE ON/OFF
Provided
ISOLATION
INPUT-OUTPUT
-RC
AC3,000V 1minute, Cutoff current = 25mA, DC500V 50M
Wmin (At Room Temperature)
INPUT-FG
AC2,000V 1minute, Cutoff current = 25mA, DC500V 50M
Wmin (At Room Temperature)
OUTPUT
-RC-AUX-FG
AC500V 1minute, Cutoff current = 100mA, DC500V 50M
Wmin (At Room Temperature)
OUTPUT-RC
-AUX
AC100V 1minute, Cutoff current = 100mA, DC100V 50M
Wmin (At Room Temperature)
ENVIRONMENT
OPERATING TEMP.,HUMID.AND ALTITUDE
-20 to +71
C (Required Derating), 20 - 90%RH (Non condensing) 3,000m (10,000feet) max
STORAGE TEMP.,HUMID.AND ALTITUDE
-20 to +75
C, 20 - 90%RH (Non condensing) 3,000m (10,000feet) max
VIBRATION
10 - 55Hz, 19.6m/s2 (2G), 3minutes period, 60minutes each along X, Y and Z axis
IMPACT
196.1m/s2 (20G), 11ms, once each X, Y and Z axis
SAFETY AND
NOISE
REGULATIONS
AGENCY APPROVALS (At only AC input)
UL60950-1, C-UL(CSA60950-1), EN60950-1, EN50178 Complies with DEN-AN
CONDUCTED NOISE
Complies with FCC Part15 classB, VCCI-B, CISPR22-B, EN55011-B, EN55022-B
CE MARKING
Low Voltage Directive, EMC Directive
HARMONIC ATTENUATOR
Complies with IEC61000-3-2
OTHERS
CASE SIZE/WEIGHT
150
X61X240mm (without terminal block and screw)(WXHXD) /2.2kg max
COOLING METHOD
Forced cooling (internal fan)
*1 Measured by 20MHz oscilloscope or Ripple-Noise meter(equivalent to KEISOKU-GIKEN
:RM101).
Ripple and ripple noise is measured on measuring board with capacitor of 22
mF within
150mm from the output terminal.
*2 Drift is the change in DC output for an eight hour period after a half-hour warm-up at 25C.
*3 () means peak current. Peak loading for 10s. And Duty 35% max, refer to Instruction manual
in detail.
*4 Overvoltage protection circuit to follow to output voltage setting.
*5 Derating is required.Consult us for details.
* A sound may occur from power supply at pulse loading.
PBA1000F
Unit type
PB
A
1000
F
-5
-
O
Ordering information
1Series name
2Single output
3Output wattage
4Universal input
5Output voltage
6Optional
C :with Coating
G :Low leakage current
U :Operation stop voltage
is set at a lower value
F1 :With Long-Life fan
F3 :Reverse air exhaust
type
F4 :Low speed fan
R
123456
PB
A-22
Recommended Noise Filter
NAC-20-472
High voltage pulse noise type : NAP series
Low leakage current type : NAM series
*The Noise Filter is recommended
*to connect with several devices.
Refer to instruction manual
7.1.
Distribution:
RSG Electronic Components GmbH ■ Sprendlinger Landstr. 115 ■ D-63069 Offenbach/Germany
Tel. +49 69 984047-0 ■ Fax +49 69 984047-77 ■ info@rsg-electronic.de ■ www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice


Similar Part No. - PBA1000F

ManufacturerPart #DatasheetDescription
logo
celduc-relais
PBA10010 CELDUC-PBA10010 Datasheet
302Kb / 2P
MAGNETIC PROXIMITY SENSOR
PBA10020 CELDUC-PBA10020 Datasheet
320Kb / 2P
MAGNETIC PROXIMITY SENSOR
logo
Total Power Internation...
PBA100F TOTAL-POWER-PBA100F Datasheet
102Kb / 1P
PBA100F
logo
RSG Electronic Componen...
PBA100F RSG-PBA100F Datasheet
155Kb / 2P
Unit type
logo
Total Power Internation...
PBA100F-12 TOTAL-POWER-PBA100F-12 Datasheet
102Kb / 1P
PBA100F
More results

Similar Description - PBA1000F

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
PAA50F RSG-PAA50F Datasheet
104Kb / 2P
Unit type
PAA75F RSG-PAA75F Datasheet
105Kb / 2P
Unit type
PAA100F RSG-PAA100F Datasheet
98Kb / 2P
Unit type
PAA150F RSG-PAA150F Datasheet
100Kb / 2P
Unit type
PAA300F RSG-PAA300F Datasheet
105Kb / 2P
Unit type
PBA10F RSG-PBA10F Datasheet
142Kb / 2P
Unit type
PBA15F RSG-PBA15F Datasheet
135Kb / 2P
Unit type
PBA30F RSG-PBA30F Datasheet
134Kb / 2P
Unit type
PBA75F RSG-PBA75F Datasheet
138Kb / 2P
Unit type
PBA100F RSG-PBA100F Datasheet
155Kb / 2P
Unit type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com