Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS150-24 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # LS150-24
Description  Single output General Purpose Power Supplies
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

LS150-24 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  LS150-24 Datasheet HTML 1Page - RSG Electronic Components GmbH LS150-24 Datasheet HTML 2Page - RSG Electronic Components GmbH LS150-24 Datasheet HTML 3Page - RSG Electronic Components GmbH LS150-24 Datasheet HTML 4Page - RSG Electronic Components GmbH LS150-24 Datasheet HTML 5Page - RSG Electronic Components GmbH LS150-24 Datasheet HTML 6Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
LS Series
Model Selector
Adjust Range
Max Current
Load Reg
Line Reg
Ripple Noise
Efficiency
Model
Voltage
(V)
(A)
(mV)
(mV)
(mV)
(typ) %
LS25-3.3
3.3V
3.0 - 3.3
6
66
16.5
80
72
LS25-5
5V
4.75 - 5.5
5
50
25
80
77
LS25-12
12V
10.8 - 13.2
2.1
60
60
120
79
LS25-15
15V
13.5 - 16.5
1.7
75
75
120
82
LS25-24
24V
22 - 27.2
1.1
120
120
120
84
LS25-36
36V
32 - 40
0.75
150
150
150
85
LS25-48
48V
42 - 54
0.57
180
180
200
85
LS35-3
3.3V
3.0 - 3.3
7
66
16.5
80
73
LS35-5
5V
4.75 - 5.5
7
50
25
80
77
LS35-12
12V
10.8 - 13.2
3
60
60
120
81
LS35-15
15V
13.5 - 16.5
2.4
75
75
120
83
LS35-24
24V
22 - 27.2
1.5
120
120
120
84
LS35-36
36V
32 - 40
1
150
150
150
84
LS35-48
48V
42 - 54
0.8
180
180
200
84
LS50-3.3
3.3V
3.0 - 3.6
10
40
20
80
75
LS50-5
5V
4.75 - 5.5
10
40
20
80
80
LS50-12
12V
10.8 - 13.2
4.2
96
48
120
84
LS50-15
15V
13.5 - 16.5
3.4
120
60
120
85
LS50-24
24V
22 - 27.2
2.2
192
96
120
86
LS50-36
36V
32 - 40
1.4
288
144
150
86
LS50-48
48V
42 - 54
1.1
384
192
200
86
LS75-3
3.3V
3.0 - 3.6
15
40
20
80
75
LS75-5
5V
4.75 - 5.5
12
40
20
80
79
LS75-12
12V
10.8 - 13.2
6
96
48
120
84
LS75-15
15V
13.5 - 16.5
5
120
60
120
85
LS75-24
24V
22 - 27.2
3.2
192
96
120
86
LS75-36
36V
32 - 40
2.1
288
144
150
86
LS75-48
48V
42 - 54
1.6
384
192
200
87
LS100-3
3.3V
3.0 - 3.3
20
66
16.5
80
74
LS100-5
5V
4.75 - 5.5
16
50
25
80
77
LS100-12
12V
10.8 - 13.2
8.5
60
60
120
81
LS100-15
15V
13.5 - 16.5
7
75
75
120
82
LS100-24
24V
22 - 27.2
4.5
120
120
120
84
LS100-36
36V
32 - 40
3
150
150
150
84
LS100-48
48V
42 - 54
2.3
180
180
200
84
LS150-3
3.3V
3.0 - 3.3
30
66
16.5
80
74
LS150-5
5V
4.75 - 5.5
26
50
25
80
78
LS150-12
12V
10.8 - 13.2
12.5
60
60
120
93
LS150-15
15V
13.5 - 16.5
10
75
75
120
84
LS150-24
24V
22 - 27.2
6.5
120
120
120
86
LS150-36
36V
32 - 40
4.3
150
150
150
86
LS150-48
48V
42 - 54
3.3
180
180
200
87
Notes: See page 1
(1)
Switch selectable for 115 or 230VAC
(2)
LS50, LS75-3 & -5:
Derate linearly to 70% load from +50 to +70°C.
LS75-12,-15,-24,-36,-48
Derate linearly to 60% load from +50 to +70°C.
LS100-3 & 5
Derate linearly to 60% load from +45 to +70°C. Derate linearly to 80% load from 115V to 88VAC input.
LS100-12,-15,-24,-36,-48
Derate linearly to 60% load from +50 to +70°C. Derate linearly to 80% load from 115V to 88VAC input.
LS150-3 & 5
Derate linearly to 50% load from +40 to +70°C.
LS150-12,-15,-24,-36,-48
Derate linearly to 70% load from +50 to +70°C.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com