Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5259 Datasheet(PDF) 3 Page - Daya Electric Group Co., Ltd.

Part # 1N5259
Description  SILICON PLANAR ZENER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAYA [Daya Electric Group Co., Ltd.]
Direct Link  http://www.cndaya.com
Logo DAYA - Daya Electric Group Co., Ltd.

1N5259 Datasheet(HTML) 3 Page - Daya Electric Group Co., Ltd.

  1N5259 Datasheet HTML 1Page - Daya Electric Group Co., Ltd. 1N5259 Datasheet HTML 2Page - Daya Electric Group Co., Ltd. 1N5259 Datasheet HTML 3Page - Daya Electric Group Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1N5220...1N5281
Zener Voltage Range
Maximum Zener Impedance
1)
Maximum Reverse
Leakage Current
Temp. Coefficient
of Zener Voltage
VZnom
3)
lZT
rZJT
rZJK
at IZK
IR
2)
at VR
TKVZ
Type
V
mA
Ω
Ω
mA
µA
V
%/K
1N5267
75
1.7
270
1700
0.25
0.1
56
<+0.098
1N5268
82
1.5
330
2000
0.25
0.1
62
<+0.098
1N5269
87
1.4
370
2200
0.25
0.1
68
<+0.099
1N5270
91
1.4
400
2300
0.25
0.1
69
<+0.099
1N5271
100
1.3
500
--
--
0.1
75
<+0.100
1N5272
110
1.2
700
--
--
0.1
83
<+0.100
1N5273
120
1
950
--
--
0.1
90
<+0.100
1N5274
130
0.95
1100
--
--
0.1
98
<+0.110
1N5275
140
0.9
1300
--
--
0.1
105
<+0.110
1N5276
150
0.85
1500
--
--
0.1
113
<+0.110
1N5277
160
0.8
1700
--
--
0.1
120
<+0.115
1N5278
170
0.74
1900
--
--
0.1
127
<+0.115
1N5279
180
0.68
2200
--
--
0.1
135
<+0.120
1N5280
190
0.66
2400
--
--
0.1
142
<+0.120
1N5281
200
0.65
2500
--
--
0.1
150
<+0.120
1) The Zener Impedance is derived from the 60 Hz AC voltage which results when an AC current having an RMS value
equal to 10% of the Zener Current (IZT or IZK) is superimposed on IZT or IZK. Zener Impedance is measured at two
points to insure a sharp knee on the breakdown curve and to eliminate unstable units.
2) Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature.
3) Tested with pulses t
p = 20 ms.
0
100
200
0
100
200
300
400
500
mW
Ptot
Ta
Admissible power dissipation
versus ambient temperature
Valid provided that leads at a distance of 8 mm
from case are kept at ambient temperature



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com