Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAXQ314 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAXQ314
Description  Single-Phase Power-Measurement IC with I2C Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ314 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAXQ314 Datasheet HTML 8Page - Maxim Integrated Products MAXQ314 Datasheet HTML 9Page - Maxim Integrated Products MAXQ314 Datasheet HTML 10Page - Maxim Integrated Products MAXQ314 Datasheet HTML 11Page - Maxim Integrated Products MAXQ314 Datasheet HTML 12Page - Maxim Integrated Products MAXQ314 Datasheet HTML 13Page - Maxim Integrated Products MAXQ314 Datasheet HTML 14Page - Maxim Integrated Products MAXQ314 Datasheet HTML 15Page - Maxim Integrated Products MAXQ314 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Single-Phase Power-Measurement
IC with I2C Interface
14 _____________________________________________________________________________________
Calibration
Four parameters can be calibrated to optimize system
performance.
Conversion to Physical Units
The output registers are in “meter” units, and need to be
scaled with the input circuits to yield meaningful physical
values. Two conversion coefficients are needed: the volt-
age transducer ratio (VTR) and the current transducer
ratio (ITR), each specifying the ratio between the input
and output of the corresponding transducer. The VTR
represents the input voltage that would produce a 1V
signal on the VP or VN pin. The ITR represents the input
current that would produce a 1V signal on the IL pin.
For example, if the voltage-sensing circuit consists of a
749kI and 1kI resistor-divider, then VTR = 750(V/V).
If the current-sensing circuit is a 20mI shunt, then 50A
current would produce 1V signal on the IL pin, so ITR =
50(A/V).
The following equations convert “meter” units into physi-
cal units:
Voltage (V) = VRMS x VTR x VREF/224
Current (A) = IRMS x ITR x VREF/224
Active Power (kW) = P x VTR x ITR x VREF x VREF/
(103 x 224)
Reactive Power (kVAR) = Q x VTR x ITR x VREF x VREF/
(103 x 224)
Apparent Power (kVA) = S x VTR x ITR x VREF x VREF/
(103 x 224)
where VREF is the reference voltage on the REF pin in
volts.
The current RMS correction is:
IRMS = I_OFFS + I_OV x VRMS + [(I_GAIN +IGV x
VRMS)IMU + IK/IMU]
where IMU is the current measured in meter units before
correction.
Voltage RMS correction is:
VRMS = V_GAIN x VMU
where VMU is the voltage measured in meter units before
correction.
Active power correction is:
P = V_GAIN x I_GAIN x P_GAIN x (P_OFFS + PMU)
where PMU is the active power measured in meter units
before correction.
Apparent power is computer from the corrected voltage
and current:
S = VRMS x IRMS
Reactive power is computer from corrected S and P:
2
2
Q
S
P
=
−
Table 4. Calibration Parameters
Figure 3. Calibration Circuit Example
MAXQ314
VP
IL
AGND
749kΩ
20mΩ
1kΩ
LINE
NEUTRAL
LOAD
REGISTER
DESCRIPTION
V_GAIN
Voltage Gain Factor. This factor affects the voltage RMS output and power output. The VRMS output is scaled
by (1 + V_GAIN/216). V_GAIN is a signed integer and defaults to 0x0000h.
I_GAIN
Current Gain Factor. This factor affects the current RMS output and power output. The IRMS output is scaled by
(1 + I_GAIN/216). I_GAIN is a signed integer and defaults to 0x0000h.
PA
Phase-Angle Compensation
LPFC
Lowpass Filter Coefficient. This factor affects the lowpass filtering. It can be left unchanged for typical configura-
tions. It is defined as:
LPFC ~ G x fC x tFR x 216, where fC is the corner frequency
Default value ~ 3.14 x 1.82 (Hz) x 200 x E - 6 (s) x 216 = 75 = 0x004B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com