Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLS3036PBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRLS3036PBF
Description  HEXFET Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLS3036PBF Datasheet(HTML) 4 Page - International Rectifier

  IRLS3036PBF Datasheet HTML 1Page - International Rectifier IRLS3036PBF Datasheet HTML 2Page - International Rectifier IRLS3036PBF Datasheet HTML 3Page - International Rectifier IRLS3036PBF Datasheet HTML 4Page - International Rectifier IRLS3036PBF Datasheet HTML 5Page - International Rectifier IRLS3036PBF Datasheet HTML 6Page - International Rectifier IRLS3036PBF Datasheet HTML 7Page - International Rectifier IRLS3036PBF Datasheet HTML 8Page - International Rectifier IRLS3036PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IRLS/SL3036PbF
4
www.irf.com
Fig 8. Maximum Safe Operating Area
Fig 10. Drain-to-Source Breakdown Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
Fig 11. Typical COSS Stored Energy
Fig 9. Maximum Drain Current vs.
Case Temperature
Fig 12. Maximum Avalanche Energy vs. DrainCurrent
0.0
0.5
1.0
1.5
2.0
2.5
VSD, Source-to-Drain Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 175°C
VGS = 0V
-60 -40 -20 0 20 40 60 80 100120140160180
TJ , Temperature ( °C )
55
60
65
70
75
Id = 5mA
-10
0
10
20
30
40
50
60
70
VDS, Drain-to-Source Voltage (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
25
50
75
100
125
150
175
Starting TJ , Junction Temperature (°C)
0
200
400
600
800
1000
1200
ID
TOP
27A
50A
BOTTOM 165A
25
50
75
100
125
150
175
TC , Case Temperature (°C)
0
50
100
150
200
250
300
Limited By Package
0
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
10000
OPERATION IN THIS AREA
LIMITED BY R DS(on)
Tc = 25°C
Tj = 175°C
Single Pulse
100µsec
1msec
10msec
DC
Limited by
package



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com