Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLS4030PBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRLS4030PBF
Description  HEXFET Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLS4030PBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRLS4030PBF Datasheet HTML 2Page - International Rectifier IRLS4030PBF Datasheet HTML 3Page - International Rectifier IRLS4030PBF Datasheet HTML 4Page - International Rectifier IRLS4030PBF Datasheet HTML 5Page - International Rectifier IRLS4030PBF Datasheet HTML 6Page - International Rectifier IRLS4030PBF Datasheet HTML 7Page - International Rectifier IRLS4030PBF Datasheet HTML 8Page - International Rectifier IRLS4030PBF Datasheet HTML 9Page - International Rectifier IRLS4030PBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IRLS/SL4030PbF
6
www.irf.com
Fig. 17 - Typical Recovery Current vs. dif/dt
Fig 16. Threshold Voltage vs. Temperature
Fig. 19 - Typical Stored Charge vs. dif/dt
Fig. 18 - Typical Recovery Current vs. dif/dt
Fig. 20 - Typical Stored Charge vs. dif/dt
-75 -50 -25 0
25 50 75 100 125 150 175
TJ , Temperature ( °C )
0.0
0.5
1.0
1.5
2.0
2.5
ID = 250µA
ID = 1.0mA
ID = 1.0A
0
200
400
600
800
1000
diF /dt (A/µs)
80
160
240
320
400
480
560
640
720
800
IF = 73A
VR = 85V
TJ = 25°C
TJ = 125°C
0
200
400
600
800
1000
diF /dt (A/µs)
80
160
240
320
400
480
560
640
720
800
880
IF = 110A
VR = 85V
TJ = 25°C
TJ = 125°C
0
200
400
600
800
1000
diF /dt (A/µs)
0
5
10
15
20
25
30
35
IF = 110A
VR = 85V
TJ = 25°C
TJ = 125°C
0
200
400
600
800
1000
diF /dt (A/µs)
0
5
10
15
20
25
30
35
40
IF = 73A
VR = 85V
TJ = 25°C
TJ = 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com