Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS2608DSPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRS2608DSPBF
Description  HALF-BRIDGE DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2608DSPBF Datasheet(HTML) 2 Page - International Rectifier

  IRS2608DSPBF Datasheet HTML 1Page - International Rectifier IRS2608DSPBF Datasheet HTML 2Page - International Rectifier IRS2608DSPBF Datasheet HTML 3Page - International Rectifier IRS2608DSPBF Datasheet HTML 4Page - International Rectifier IRS2608DSPBF Datasheet HTML 5Page - International Rectifier IRS2608DSPBF Datasheet HTML 6Page - International Rectifier IRS2608DSPBF Datasheet HTML 7Page - International Rectifier IRS2608DSPBF Datasheet HTML 8Page - International Rectifier IRS2608DSPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
www.irf.com
2
IRS2608DSPbF
Qualification Information
†
Industrial
††
Qualification Level
Comments: This IC has passed JEDEC’s
Industrial qualification. IR’s Consumer
qualification level is granted by extension of the
higher Industrial level.
Moisture Sensitivity Level
MSL2, 260°C
(per IPC/JEDEC J-STD-020)
Human Body Model
Class 2
(per JEDEC standard JESD22-A114)
ESD
Machine Model
Class B
(per EIA/JEDEC standard EIA/JESD22-A115)
IC Latch-Up Test
Class I, Level A
(per JESD78)
RoHS Compliant
Yes
†
Qualification standards can be found at International Rectifier’s web site http://www.irf.com/
†† Higher qualification ratings may be available should the user have such requirements.
Please contact your International Rectifier sales representative for further information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com