Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75DP120RHHT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # SN75DP120RHHT
Description  DisplayPort 1:1 Dual-Mode Repeater
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75DP120RHHT Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN75DP120RHHT Datasheet HTML 9Page - Texas Instruments SN75DP120RHHT Datasheet HTML 10Page - Texas Instruments SN75DP120RHHT Datasheet HTML 11Page - Texas Instruments SN75DP120RHHT Datasheet HTML 12Page - Texas Instruments SN75DP120RHHT Datasheet HTML 13Page - Texas Instruments SN75DP120RHHT Datasheet HTML 14Page - Texas Instruments SN75DP120RHHT Datasheet HTML 15Page - Texas Instruments SN75DP120RHHT Datasheet HTML 16Page - Texas Instruments SN75DP120RHHT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
GND
100KW
CAD= 0
AUX+
AUX-
50 W
3.3V
GND
2.5- 3.3V
SinkConnector
1MW
50 W
75-200nF
SourceConnector
SN75DP120
AUX+
AUX-
75-200nF
50 W
75-200nF
75-200nF
50 W
100KW
1MW
SN75DP120
www.ti.com
SLLSE08 – OCTOBER 2009
Figure 6. Auxiliary Channel Measurement
DisplayPort Main Link Pins
The SN75DP120 is designed to support DisplayPort’s high speed differential main link with four levels of output
voltage swing and four levels of pre-emphasis. The main link I/Os of the SN75DP120 are designed to be
compliant to the DisplayPort 1.1a specification.
ELECTRICAL CHARACTERISTICS
over recommended operating (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTx (Mainlink Outputs)
Output differential peak-to-peak
VODpp(1)
400
mVp-p
voltage Level 1
VODpp(2)
Output differential peak-to-peak
600
mVp-p
voltage Level 2
PRBS7 pattern at 1.67 Gbps and 2.7 Gbps,
Measured at TP1 in Figure 8
Output differential peak-to-peak
VODpp(3)
800
mVp-p
voltage Level 3
Output differential peak-to-peak
VODpp(4)
1200
mVp-p
voltage Level 4
Output differential peak-to-peak
VODpp(5)
CAD_SINK = 3.6V
600
mVp-p
voltage TMDS mode
Level 3 (800mVpp),
1.67 Gbps
400
Output differential peak-to-peak
Pattern used is PRBS7,
VODpp(CTS1.1)
mVp-p
voltage for DP Compliance v1.1
Measured at TP2 in Figure 8,
2.7 Gbps
350
Per Eye Mask Test in CTS1.1
Output differential peak-to-peak
ΔVODpp1
voltage increase from Level 1 to
1.8
3.3
5.0
dB
Level 2
Output differential peak-to-peak
Measured at TP2,
ΔVODpp2
voltage increase from Level 2 to
ΔVODppn = 20*log(VODpp2(n+1) / VODpp2(n)),
1.1
2.7
4.1
dB
Level 3
Refer to Section 3.2 in DP CTS1.1
Output differential peak-to-peak
ΔVODpp3
voltage increase from Level 3 to
1.8
3.4
5.0
dB
Level 4
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): SN75DP120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com