Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBD330D Datasheet(PDF) 5 Page - Motorola, Inc

Part # MBD330D
Description  Dual Schottky Barrier Diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MBD330D Datasheet(HTML) 5 Page - Motorola, Inc

  MBD330D Datasheet HTML 1Page - Motorola, Inc MBD330D Datasheet HTML 2Page - Motorola, Inc MBD330D Datasheet HTML 3Page - Motorola, Inc MBD330D Datasheet HTML 4Page - Motorola, Inc MBD330D Datasheet HTML 5Page - Motorola, Inc MBD330D Datasheet HTML 6Page - Motorola, Inc MBD330D Datasheet HTML 7Page - Motorola, Inc MBD330D Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MBD110DWT1 MBD330DWT1 MBD770DWT1
5
Motorola Small–Signal Transistors, FETs and Diodes Device Data
TYPICAL CHARACTERISTICS
MBD770DWT1
Figure 10. Total Capacitance
Figure 11. Minority Carrier Lifetime
Figure 12. Reverse Leakage
Figure 13. Forward Voltage
VR, REVERSE VOLTAGE (VOLTS)
IF, FORWARD CURRENT (mA)
VR, REVERSE VOLTAGE (VOLTS)
VF, FORWARD VOLTAGE (VOLTS)
KRAKAUER METHOD
f = 1.0 MHz
0.2
0.4
0.8
1.2
1.6
2.0
0
10
20
30
40
10
1.0
0.1
0.01
0.001
0
20
40
60
500
0
80
100
0
5.0
10
15
20
25
35
50
40
45
30
2.0
1.6
1.2
0.8
0
100
10
1.0
0.1
50
10
30
50
70
90
400
300
200
100
0.4
TA = – 40°C
TA = 85°C
TA = 25°C
TA = 100°C
TA = 75°C
TA = 25°C
MBD770DWT1
MBD770DWT1
MBD770DWT1
MBD770DWT1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com