| Electronic Components Datasheet Search |
|
USB2513B Datasheet(PDF) 33 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
USB2513B Datasheet(HTML) 33 Page - SMSC Corporation |
|
33 / 72 page ![]() USB 2.0 Hi-Speed Hub Controller Datasheet SMSC USB251x 33 Revision 1.0 (3-11-09) DATASHEET Chapter 8 Configuration Options 8.1 Hub SMSC’s USB 2.0 hub is fully specification compliant to the Universal Serial Bus specification, version 2.0, April 27, 2000 (12/7/2000 and 5/28/2002 Errata). Please reference Chapter 10 (Hub specification) for general details regarding hub operation and functionality. The hub provides 1 Transaction Translator (TT) that is shared by both downstream ports (defined as Single-TT configuration), The TT contains 4 non-periodic buffers. 8.1.1 Hub Configuration Options The SMSC hub supports a large number of features (some are mutually exclusive), and must be configured in order to correctly function when attached to a USB host controller. There are three principal ways to configure the hub: SMBus, EEPROM, or by internal default settings (with or without configuration option over-rides). In all cases, the configuration method will be determined by the CFG_SEL[2], CFG_SEL[1] and CFG_SEL[0] pins immediately after RESET_N negation. Please refer to Table 8.1, "Hub Configuration Options" for more information. 8.1.2 SMBus or EEPROM Interface Table 8.1 Hub Configuration Options CFG_SEL[2] CFG_SEL[1] CFG_SEL[0] DESCRIPTION 0 0 0 Internal Default Configuration without any over-rides Strap options enabled Self-powered operation enabled LED mode = Speed (when available on package) Individual power switching Individual over-current sensing 0 0 1 Configured as an SMBus slave for external download of user-defined descriptors Strap options disabled All settings are controlled by registers as set by the user 0 1 0 Internal Default Configuration Strap options enabled Bus-powered operation LED mode = USB (when available on package) Individual power switching Individual over-current sensing 01 1 2-Wire I2C EEPROMS are supported Strap options disabled All settings are controlled by registers as set by the user |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |