| Electronic Components Datasheet Search |
|
USB2514B Datasheet(PDF) 23 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
USB2514B Datasheet(HTML) 23 Page - SMSC Corporation |
|
23 / 72 page ![]() USB 2.0 Hi-Speed Hub Controller Datasheet SMSC USB251x 23 Revision 1.0 (3-11-09) DATASHEET DOWNSTREAM USB 2.0 INTERFACES (continued) LED_A_N[x:1] / PRTSWP[x:1] I/O12 Port LED Indicators This pin will be active low when LED support is enabled via EEPROM or SMBus. Port Swap Strapping Option If this strap is enabled by package and configuration settings (see Table 8.1, "Hub Configuration Options"), this pin will be sampled at RESET_N negation to determine the electrical connection polarity of the downstream USB port pins (USB_DP and USB_DM). Also, the active state of the LED will be determined as follows: ‘0’ = Port polarity is normal, LED is active high. ‘1’ = Port polarity (USB_DP and USB_DM) is swapped, LED is active low. LED_B_N[7:4] I/O12 Enhanced Indicator Port LED for ports 4-7 Enhanced indicator LED for ports 4-7. This pin will be active low when LED support is enabled via EEPROM or SMBus. LED_B_N[3] / GANG_EN I/O12 Enhanced Indicator Port LED for Port 3 Ganged Power and Over-current strap option This signal selects between ganged or individual port power and over-current sensing. If this strap is enabled by package and configuration settings (see Table 8.1, "Hub Configuration Options"), this pin will be sampled at RESET_N negation to determine the mode as follows: ‘0’ = Individual sensing and switching, LED_B_N[3] is active high. ‘1’ = Ganged sensing and switching, LED_B_N[3] is active low. Table 5.2 USB251x Pin Descriptions (continued) SYMBOL BUFFER TYPE DESCRIPTION |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |