Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDB-DJS-ST2-1 Datasheet(PDF) 3 Page - DOMINANT Semiconductors

Part # DDB-DJS-ST2-1
Description  High brightness surface mount LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDB-DJS-ST2-1 Datasheet(HTML) 3 Page - DOMINANT Semiconductors

  DDB-DJS-ST2-1 Datasheet HTML 1Page - DOMINANT Semiconductors DDB-DJS-ST2-1 Datasheet HTML 2Page - DOMINANT Semiconductors DDB-DJS-ST2-1 Datasheet HTML 3Page - DOMINANT Semiconductors DDB-DJS-ST2-1 Datasheet HTML 4Page - DOMINANT Semiconductors DDB-DJS-ST2-1 Datasheet HTML 5Page - DOMINANT Semiconductors DDB-DJS-ST2-1 Datasheet HTML 6Page - DOMINANT Semiconductors DDB-DJS-ST2-1 Datasheet HTML 7Page - DOMINANT Semiconductors DDB-DJS-ST2-1 Datasheet HTML 8Page - DOMINANT Semiconductors DDB-DJS-ST2-1 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
InGaN : DDx-DJx
DOMINANT TM
Semiconductors
Innovating Illumination
05/05/2009 V8.0
3
Vr @ Ir = 10uA
Group
Dominant wavelength is measured with an accuracy of ± 1 nm.
Wavelength Grouping at Tj=25˚C
Wavelength distribution (nm)
Color
DDB; Blue
Full
W
X
Y
464 - 476
464 - 468
468 - 472
472 - 476
DDT; True Green
Full
W
X
Y
Z
520 - 536
520 - 524
524 - 528
528 - 532
532 - 536
R1
R2
S1
S2
T1
T2
U1
U2
V1
V2
W1
W2
112.5...140.0
140.0...180.0
180.0...224.0
224.0...285.0
285.0...355.0
355.0...450.0
450.0...560.0
560.0...715.0
715.0...900.0
900.0...1125.0
1125.0...1400.0
1400.0...1800.0
Brightness Group
Luminous Intensity @
IV (mcd)
Luminous Intensity Group at Tj=25˚C
Luminous intensity is measured with an accuracy of ± 11%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com